Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61LV6432-8PQI Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # IC61LV6432-8PQI
Description  64K x 32 Pipelined Sync. SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

IC61LV6432-8PQI Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button IC61LV6432-8PQI Datasheet HTML 6Page - Integrated Circuit Systems IC61LV6432-8PQI Datasheet HTML 7Page - Integrated Circuit Systems IC61LV6432-8PQI Datasheet HTML 8Page - Integrated Circuit Systems IC61LV6432-8PQI Datasheet HTML 9Page - Integrated Circuit Systems IC61LV6432-8PQI Datasheet HTML 10Page - Integrated Circuit Systems IC61LV6432-8PQI Datasheet HTML 11Page - Integrated Circuit Systems IC61LV6432-8PQI Datasheet HTML 12Page - Integrated Circuit Systems IC61LV6432-8PQI Datasheet HTML 13Page - Integrated Circuit Systems IC61LV6432-8PQI Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
IC61LV6432
10
Integrated Circuit Solution Inc.
SSR005-0A
002/02/2004
READ CYCLE SWITCHING CHARACTERISTICS (Over Operating Range) (Continued)
-5
-6
-7
-8
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max. Min.
Max
Unit
tKC
Cycle Time
10
12
13
15
ns
tKH
Clock High Time
3.5
4
6
6
ns
tKL
Clock Low Time
3.5
4
6
6
ns
tKQ
Clock Access Time
5
6
7
8
ns
tKQX(1)
Clock High to Output Invalid
1.5
1.5
2
2
ns
tKQLZ(1,2)
Clock High to Output Low-Z
0
0
0
0
ns
tKQHZ(1,2)
Clock High to Output High-Z
1.5
6
1.5
6
2626
ns
tOEQ
Output Enable to Output Valid
5
6
6
6
ns
tOEQX(1)
Output Disable to Output Invalid
0
0
0
0
ns
tOELZ(1,2)
Output Enable to Output Low-Z
0
0
0
0
ns
tOEHZ(1,2)
Output Disable to Output High-Z
4
5
6
6
ns
tAS
Address Setup Time
2.5
2.5
2.5
2.5
ns
tSS
Address Status Setup Time
2.5
2.5
2.5
2.5
ns
tWS
Write Setup Time
2.5
2.5
2.5
2.5
ns
tCES
Chip Enable Setup Time
2.5
2.5
2.5
2.5
ns
tAVS
Address Advance Setup Time
2.5
2.5
2.5
2.5
ns
tAH
Address Hold Time
0.5
0.5
0.5
0.5
ns
tSH
Address Status Hold Time
0.5
0.5
0.5
0.5
ns
tWH
Write Hold Time
0.5
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold Time
0.5
0.5
0.5
0.5
ns
tAVH
Address Advance Hold Time
0.5
0.5
0.5
0.5
ns
tCFG(3)
Configuration Setup
35
45
66.7
80
ns
Notes:
1. Guaranteed but not 100% tested. This parameter is periodically sampled.
2. Tested with load in Figure 2.
3. Configuration signal MODE is static and must not change during normal operation.


Similar Part No. - IC61LV6432-8PQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV6416 ICSI-IC61LV6416 Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV6416-10B ICSI-IC61LV6416-10B Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV6416-10BI ICSI-IC61LV6416-10BI Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV6416-10K ICSI-IC61LV6416-10K Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV6416-10KI ICSI-IC61LV6416-10KI Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
More results

Similar Description - IC61LV6432-8PQI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1329G CYPRESS-CY7C1329G Datasheet
322Kb / 16P
   2-Mb (64K x 32) Pipelined Sync SRAM
CY7C1329H CYPRESS-CY7C1329H Datasheet
711Kb / 16P
   2-Mbit (64K x 32) Pipelined Sync SRAM
CY7C1346F CYPRESS-CY7C1346F Datasheet
321Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1346H CYPRESS-CY7C1346H Datasheet
713Kb / 16P
   2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1212H CYPRESS-CY7C1212H Datasheet
353Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1212F CYPRESS-CY7C1212F Datasheet
318Kb / 15P
   1-Mbit (64K x 18) Pipelined Sync SRAM
logo
Integrated Circuit Solu...
IC61SF6432 ICSI-IC61SF6432 Datasheet
144Kb / 17P
   64K x 32 Flow Through Sync. SRAM
logo
Cypress Semiconductor
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1215F CYPRESS-CY7C1215F Datasheet
333Kb / 16P
   1-Mb (32K x 32) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com