Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD124146 Datasheet(PDF) 1 Page - Sensitron

Part # SHD124146
Description  HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD124146 Datasheet(HTML) 1 Page - Sensitron

  SHD124146 Datasheet HTML 1Page - Sensitron SHD124146 Datasheet HTML 2Page - Sensitron SHD124146 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4677, REV. -
HERMETIC POWER SCHOTTKY RECTIFIER
Low Forward Voltage
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
200
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Single/Doubler)
7.5
A
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Common
Cathode/Common Anode)
15
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(per leg)
140
A
Max. Thermal Resistance
RθJC
(Single)
1.36
°C/W
Max. Junction Temperature
TJ
-
-65 to +200
°C
Max. Storage Temperature
Tstg
-
-65 to +200
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 7.5A, Pulse, TJ = 25 °C
(per leg)
1.01
V
VF2
@ 7.5A, Pulse, TJ = 125 °C
(per leg)
0.85
V
Max. Reverse Current
IR1
@VR = 200V, Pulse,
TJ = 25 °C (per leg)
0.18
µA
IR2
@VR = 200V, Pulse,
TJ = 125 °C (per leg)
4
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p) (per leg)
150
pF
SHD124146
SHD124146P
SHD124146N
SHD124146D


Similar Part No. - SHD124146

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124144 SENSITRON-SHD124144 Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124144D SENSITRON-SHD124144D Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124144N SENSITRON-SHD124144N Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124144P SENSITRON-SHD124144P Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
More results

Similar Description - SHD124146

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124434 SENSITRON-SHD124434_08 Datasheet
53Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124244 SENSITRON-SHD124244 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124544 SENSITRON-SHD124544 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124545P SENSITRON-SHD124545P Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124546 SENSITRON-SHD124546 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124246 SENSITRON-SHD124246 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124645P SENSITRON-SHD124645P Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124646 SENSITRON-SHD124646 Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124634 SENSITRON-SHD124634_08 Datasheet
53Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124234 SENSITRON-SHD124234 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com