Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29LV400BT90I Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY29LV400BT90I
Description  4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV400BT90I Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY29LV400BT90I Datasheet HTML 1Page - Hynix Semiconductor HY29LV400BT90I Datasheet HTML 2Page - Hynix Semiconductor HY29LV400BT90I Datasheet HTML 3Page - Hynix Semiconductor HY29LV400BT90I Datasheet HTML 4Page - Hynix Semiconductor HY29LV400BT90I Datasheet HTML 5Page - Hynix Semiconductor HY29LV400BT90I Datasheet HTML 6Page - Hynix Semiconductor HY29LV400BT90I Datasheet HTML 7Page - Hynix Semiconductor HY29LV400BT90I Datasheet HTML 8Page - Hynix Semiconductor HY29LV400BT90I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
Rev. 1.0/Nov. 01
HY29LV400
PIN CONFIGURATIONS
A6
B6
C6
D6
E6
F6
G6
H6
A5
B5
C5
D5
E5
F5
G5
H5
A4
B4
C4
D4
E4
F4
G4
H4
A3
B3
C3
D3
E3
F3
G3
H3
A2
B2
C2
D2
E2
F2
G2
H2
A1
B1
C1
D1
E1
F1
G1
H1
A[13]
A[12]
A[14]
A[15]
A[16]
BYTE#
DQ[15]/A[-1]
V
SS
A[9]
A[8]
A[10]
A[11]
DQ[7]
DQ[14]
DQ[13]
DQ[6]
W E #
RESET#
N C
N C
DQ[5]
DQ[12]
V
CC
DQ[4]
RY/BY#
N C
N C
N C
DQ[2]
DQ[10]
DQ[11]
DQ[3]
A[7]
A[17]
A[6]
A[5]
DQ[0]
DQ[8]
DQ[9]
DQ[1]
A[3]
A[4]
A[2]
A[1]
A[0]
C E #
O E #
V
SS
48-Ball FBGA (6 x 8 mm, Top View, Balls Facing Down)
TSOP48
DQ7
DQ14
44
43
DQ6
DQ13
42
41
DQ5
DQ12
40
39
DQ4
V
CC
38
37
DQ11
DQ3
36
35
DQ10
DQ2
34
33
DQ9
DQ1
32
31
DQ8
DQ0
30
29
A16
BYTE#
48
47
V
SS
DQ15/A-1
46
45
OE#
V
SS
28
27
CE#
A0
26
25
A11
A10
5
6
A9
A8
7
8
NC
NC
9
10
WE#
RESET#
11
12
NC
NC
13
14
RY/BY#
NC
15
16
A17
A7
17
18
A6
A5
19
20
A15
A14
1
2
A13
A12
3
4
A4
A3
21
22
A2
A1
23
24


Similar Part No. - HY29LV400BT90I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV400BT90I

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Intel Corporation
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
logo
Hynix Semiconductor
HY29LV800 HYNIX-HY29LV800 Datasheet
556Kb / 40P
   8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory
logo
Intel Corporation
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com