Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV7100 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV7100
Description  24V/48V Fan Driver/Controller With High-Side Drive
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7100 Datasheet(HTML) 5 Page - Supertex, Inc

  HV7100 Datasheet HTML 1Page - Supertex, Inc HV7100 Datasheet HTML 2Page - Supertex, Inc HV7100 Datasheet HTML 3Page - Supertex, Inc HV7100 Datasheet HTML 4Page - Supertex, Inc HV7100 Datasheet HTML 5Page - Supertex, Inc HV7100 Datasheet HTML 6Page - Supertex, Inc HV7100 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
HV7100
The HV7100 requires a single +16V to +75V supply to bias its
internal circuitry. It internally generates 3.3V for V
DD, and -12V
relative to V
PP for driving the external P-channel MOSFET. If
an external V
DD is applied (greater than 3.6V but less than
5.5V), the internal regulator will shut off. The HV7100 drives
an external P-channel FET to drive the 24V/48V DC fan.
An external diode, connected across the fan terminals, is
required to clamp the voltage across the fan to a diode drop
during the off period.
Pulse Width Modulator
The PWM circuit compares the internal triangle wave
oscillator (0.5V – 2.5V pk-pk) with the linear control voltage
or the DAC output. Its output is a square-wave PWM signal
with duty cycle ranging from 0% to 100%.
When an external PWM signal is applied to the Enable input
and the internal PWM generator is not needed, R
T and LIN
should be connected to V
DD and CT connected to GND.
Oscillator
A capacitor connected between the C
T and GND sets the
frequency of the internal triangular frequency oscillator in
conjunction with the timing resistor R
T. RT sets the charge/
discharge current into and out of C
T.
The frequency is determined by the following equation:
P-Channel Gate Driver
The PWM output of the comparator circuit is level translated
and is the input to the gate drive circuit. The gate drive circuit
turns an external P-channel FET on and off by applying -12V
and 0V (reference to V
PP), respectively, between its gate and
source. The -12V supply to the gate drive circuit is generated
internally from V
PP.
Enable
The EN pin directly controls the gate drive circuit. Pulling
this pin to logic ground applies 0V to the external P-channel
gate to turn it off. Applying a logic HIGH signal or pulling
the voltage to V
DD resumes the switching cycle of the PWM
signal.
Speed Control
The fan speed can be controlled in three ways:
Linear Control - Applying a DC voltage between 0.5V to
2.5V to the LIN pin varies the duty cycle of the voltage driving
the fans from 0% to 100% according to:
Linear control voltage below 0.5V will turn off the fan
completely (0% duty cycle), while voltage greater than 2.5V
will fully turn the fan on (100% duty cycle).
When using linear control mode, DIN0 – DIN3 should be set
to logic 0. If desired, DIN may be used to set a lower limit on
the fan speed. This input is immune to moderate noise on
the control signal.
Digital Control - Applying logic signals to the DIN0 – DIN3
pins sets the duty cycle of the output. 0000 = 0% and 1111
= 100%. See Table 1 for details. In digital control mode, LIN
should be set to 0V. DIN0 – DIN3 pins have internal pull
downs so that the DAC output will default to 0V when it is
not used.
External PWM - An external PWM signal can be applied
to the Enable pin to directly control the duty cycle. A logic 0
turns the transistor off, and a logic 1 turns it on. When using
this control method, connect DIN0 – DIN3, LIN, and R
T to
V
DD. Connect CT to GND.
The DAC output and the Linear Control signals are OR’d
together. Whichever has the higher value dominates. This
allows an analog temperature sensing circuit to override the
digital inputs (DIN0 – DIN3) for added system protection.
The following table illustrates the correlation between the
digital inputs and LIN voltage to the PWM duty cycle.
Table 1. DAC signal and LIN voltage to
Duty Cycle Programming.
Functional Description
f
RC
TT
=
0 258
.
DIN3
DIN2
DIN1
DIN0
LIN
Gate Drive Duty Cycle
0000
0.500V
0%*
0001
0.633V
6.7%
0010
0.766V
13.3%
0011
0.900V
20.0%
0100
1.033V
26.7%
0101
1.167V
33.3%
0110
1.300V
40.0%
0111
1.433V
46.7%
1000
1.567V
53.3%
1001
1.700V
60.0%
1010
1.833V
66.7%
1011
1.967V
73.3%
1100
2.100V
80.0%
1101
2.233V
86.7%
1110
2.367V
93.3%
1111
2.500V
100%*
* Guaranteed 0% @ 0000 and 100% @ 1111
25
.
0
2
LI N
V
D


Similar Part No. - HV7100

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7100NG-G SUTEX-HV7100NG-G Datasheet
807Kb / 8P
   24/48V Fan Driver/Controller With High-Side Drive
HV7100NG-GM903 SUTEX-HV7100NG-GM903 Datasheet
807Kb / 8P
   24/48V Fan Driver/Controller With High-Side Drive
HV7100 SUTEX-HV7100_13 Datasheet
807Kb / 8P
   24/48V Fan Driver/Controller With High-Side Drive
More results

Similar Description - HV7100

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7100 SUTEX-HV7100_13 Datasheet
807Kb / 8P
   24/48V Fan Driver/Controller With High-Side Drive
logo
ORION FANS
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
   DC Fan - 12V, 24V and 48V
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A Datasheet
307Kb / 12P
   24V Hall IC Fan Driver
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
Melexis Microelectronic...
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Linear Technology
LTC1255 LINER-LTC1255 Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Linear Technology
LTC1255 LINER-LTC1255_15 Datasheet
293Kb / 16P
   Dual 24V High-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com