Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66421TB0 Datasheet(PDF) 46 Page - Hitachi Semiconductor

Part # HD66421TB0
Description  (RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66421TB0 Datasheet(HTML) 46 Page - Hitachi Semiconductor

Back Button HD66421TB0 Datasheet HTML 38Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 39Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 40Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 41Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 42Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 43Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 44Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 45Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 46Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
Preliminary
Rev. 1.1E '99.02.10
HD66421
AC Characteristics (Vcc = 2.2 to 5.5V, GND = 0V, Ta = -40 to +85°C Note 1)
Clock Characteristics
Item
Symbol
Min
Typ
Max
Unit
Notes
Oscillation frequency
fOSC
160
220
280
kHz
Rf = 180k
Ω, Vcc = 3.0V
External clock frequency
fCP
50
400
kHz
External clock duty cycle
Duty
45
50
55
%
External clock fall time
tr
0.2
µs
External clock rise time
tf
0.2
µs
MPU Interface
Item
Symbol
Min
Typ
Max
Unit
Notes
RD low-level width
tWRDL
250
ns
RD high-level width
tWRDH
450
ns
WR low-level width
tWWRL
190
ns
WR high-level width
tWWRH
450
ns
Address setup time
tAS
20
ns
Address hold time
tAH
20
ns
Data delay time
tDDR
180
ns
Data output hold time
tDHR
20
ns
Data setup time
tDSW
150
ns
Data hold time
tDHW
10
ns
Reset Timing
Item
Symbol
Min
Typ
Max
Unit
Notes
RES low-level width
tRES
1
ms
46
190
ns
250
ns
150
ns
100
ns
Vcc = 2.2V to 3.0V, 2
Vcc = 3.0V to 5.5V, 2
Vcc = 2.2V to 3.0V, 2
Vcc = 3.0V to 5.5V, 2
Vcc = 2.2V to 3.0V
Vcc = 3.0V to 5.5V
Vcc = 2.2V to 3.0V
Vcc = 3.0V to 5.5V
Figure 44 MPU Interface
Notes. The following load circuit is connected for specification.
VOH and VOL of the timing specification is 1/2 VCC level.
Output terminal
30pF(includes board capacitance)
tWRDL
tWRDH
tWWRL
tWWRH
tAS
tAH
tDDR
tDHR
tDSW
tDHW
tAS
tAH
RD
WR
RS,CS
DB7-
DB0
4tOSC - 450
4tOSC - 450
4tOSC - 450
4tOSC - 450
Note 1 All electrical characteristic are guaranteed at +85°C for die products.
Note 2 tOSC = 1 / fOSC


Similar Part No. - HD66421TB0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66420 HITACHI-HD66420 Datasheet
167Kb / 52P
   (RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
More results

Similar Description - HD66421TB0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66420 HITACHI-HD66420 Datasheet
167Kb / 52P
   (RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
HD66108 HITACHI-HD66108 Datasheet
337Kb / 60P
   (RAM-Provided 165-Channel LCD Driver for Liquid Crystal Dot Matrix Graphics)
logo
Sitronix Technology Co....
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
   4-Level Gray Scale Dot Matrix LCD Controller/Driver
logo
New Japan Radio
NJU6682 NJRC-NJU6682 Datasheet
992Kb / 58P
   160-common x 132-segment DOT MATRIX LCD DRIVER FOR 4 GRAY SCALE
logo
Texas Instruments
MPT57202 TI1-MPT57202 Datasheet
156Kb / 11P
[Old version datasheet]   160-CHANNEL LCD GATE DRIVER FOR DOT MATRIX STN
logo
Sitronix Technology Co....
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
   4 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
   4 Gray Scale Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8820 PHILIPS-PCF8820 Datasheet
316Kb / 60P
   67 x 101 Grey-scale/ECB colour dot matrix LCD driver
2000 Dec 07
logo
OKI electronic componet...
MSM6794 OKI-MSM6794 Datasheet
170Kb / 34P
   DOT MATRIX LCD DRIVER WITH 128-CHANNEL RAM
logo
Sitronix Technology Co....
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
   16 Gray Scale Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com