Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1370DV25-200BZI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1370DV25-200BZI
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1370DV25-200BZI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1370DV25-200BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1370DV25-200BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1370DV25-200BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1370DV25-200BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1370DV25-200BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1370DV25-200BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1370DV25-200BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1370DV25-200BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1370DV25-200BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
CY7C1370DV25
CY7C1372DV25
PRELIMINARY
Document #: 38-05558 Rev. *A
Page 4 of 30
Pin Configurations (continued)
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
DQa
VDDQ
NC
NC
DQc
DQd
DQc
DQd
AA
A
A
AVDDQ
CE2
A
VDDQ
VDDQ
VDDQ
VDDQ
NC
NC
A
DQc
DQc
DQd
DQd
TMS
VDD
A
E(72)
DQPd
A
A
ADV/LD
ACE3
NC
VDD
AA
NC
VSS
VSS
NC
DQPb
DQb
DQb
DQa
DQb
DQb
DQa
DQa
NC
TDI
TDO
VDDQ
TCK
VSS
VSS
VSS
NC
VSS
VSS
VSS
VSS
MODE
CE1
VSS
OE
VSS
VDDQ
BWc
A
VSS
WE
VDDQ
VDD
NC
VDD
VSS
CLK
NC
BWa
CEN
VSS
VDDQ
VSS
ZZ
NC
A
A
A1
A0
VSS
VDD
NC
CY7C1370DV25 (512K × 36) – BGA
DQPc
DQb
AE(36)
DQc
DQb
DQc
DQc
DQc
DQb
DQb
DQa
DQa
DQa
DQa
DQPa
DQd
DQd
DQd
DQd
BWd
119-ball BGA Pinout
BWb
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
E(36)
DQa
VDDQ
NC
NC
NC
DQb
DQb
DQb
DQb
AA
A
A
AVDDQ
CE2
A
NC
VDDQ
NC
VDDQ
VDDQ
VDDQ
NC
NC
NC
E(72)
A
DQb
DQb
DQb
DQb
NC
NC
NC
NC
TMS
VDD
A
A
DQPb
A
A
ADV/LD
A
CE3
NC
VDD
AA
NC
VSS
VSS
NC
NC
DQPa
DQa
DQa
DQa
DQa
DQa
DQa
DQa
NC
TDI
TDO
VDDQ
TCK
VSS
VSS
VSS
NC
VSS
NC
VSS
VSS
VSS
MODE
CE1
VSS
NC
OE
VSS
VDDQ
BWb
ANC
NC
VSS
WE
NC
VDDQ
VDD
NC
VDD
NC
VSS
CLK
NC
NC
BWa
CEN
VSS
NC
VDDQ
VSS
NC
ZZ
NC
A
A
A
A1
A0
VSS
NC
VDD
NC
CY7C1372DV25 (1M x 18) – BGA


Similar Part No. - CY7C1370DV25-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370DV25-200BZI CYPRESS-CY7C1370DV25-200BZI Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1370DV25-200BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1372BV25 CYPRESS-CY7C1372BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_06 Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com