Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29LV010-90SI Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN29LV010-90SI
Description  1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV010-90SI Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN29LV010-90SI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV010-90SI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV010-90SI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV010-90SI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV010-90SI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV010-90SI Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV010-90SI Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV010-90SI Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV010-90SI Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
8
EN29LV010
Rev. B, Issue Date: 2004/01/05
Hardware Data Protection
The command sequence requirement of unlock cycles for programming or erasing provides data
protection against inadvertent writes as seen in the Command Definitions table. Additionally, the
following hardware data protection measures prevent accidental erasure or programming, which
might otherwise be caused by false system level signals during Vcc power up and power down
transitions, or from system noise.
Low VCC Write Inhibit
When Vcc is less than VLKO, the device does not accept any write cycles. This protects data during
Vcc power up and power down. The command register and all internal program/erase circuits are
disabled, and the device resets. Subsequent writes are ignored until Vcc is greater than VLKO. The
system must provide the proper signals to the control pins to prevent unintentional writes when Vcc
is greater than VLKO.
Write Pulse “Glitch” protection
Noise pulses of less than 5 ns (typical) on OE , CE or WE do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE = VIL, CE = VIH, or WE = VIH. To initiate a
write cycle, CE and WE must be a logical zero while OE is a logical one. If CE , WE , and OE are
all logical zero (not recommended usage), it will be considered a read.
Power-up Write Inhibit
During power-up, the device automatically resets to READ mode and locks out write cycles. Even
with CE = VIL, WE = VIL and OE = VIH, the device will not accept commands on the rising edge of
WE .


Similar Part No. - EN29LV010-90SI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RJCP EON-EN29LV040A-45RJCP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RJIP EON-EN29LV040A-45RJIP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RPCP EON-EN29LV040A-45RPCP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results

Similar Description - EN29LV010-90SI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39LV010 EON-EN39LV010_11 Datasheet
399Kb / 36P
   1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN39LV010 EON-EN39LV010 Datasheet
1Mb / 36P
   1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
AMIC Technology
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com