Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM78R09 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GM78R09
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GM78R09 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GM78R09 Datasheet HTML 1Page - List of Unclassifed Manufacturers GM78R09 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM78R09 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM78R09 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM78R09 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Disable Signal
VIN
VO
GND
VDIS
+
+
Ci
Co
Description
THE GM78R09 is a low - dropout voltage regulator suit-
able for various electronic equipments. It provides con-
stant voltage power source with TO-220 4 lead full mold
package. Dropout voltage of GM78R09 is below 0.5V in
full rated current (1A). This regulator has various func-
tion such as peak current protection, thermal shut down,
overvoltage protection and output disable function.
Features
1A / 9V Output low dropout voltage regulator
TO-220 Full-Mold package (4PIN)
Overcurrent protection, Thermal shutdown
Overvoltage protection, Short-Circuit Protection
With output disable function
TYPIC APPLICATION CIRCUITS
www.gammamicro.com
1
Power Management
GM78R09
LOW DROPOUT VOLTAGE REGULATOR
Power Management
PRELIMINARY
GM78R09
TO-220F- 4L
1. V
IN
2. V
O
3. GND
4. V
DIS
1 2
34
— Ci is required if regulator is located an appreciable distance from power supply filter.
— Co improves stability and transient response. (Co > 47µF)


Similar Part No. - GM78R09

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM78R09ATBF4T GAMMA-GM78R09ATBF4T Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM78R09

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com