Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBA50CA45 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FBA50CA45
Description  dual power MOSFET module designed for fast swiching
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FBA50CA45 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FBA50CA45 Datasheet HTML 1Page - List of Unclassifed Manufacturers FBA50CA45 Datasheet HTML 2Page - List of Unclassifed Manufacturers FBA50CA45 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
FBA50CA45/50
VGS
4V
Tj
25℃
Pulse Test
15V 10V
8V
6V
5V
Output Characteristics(Typical)
100
80
60
40
20
12
10
Drain-Source Voltage VDS
(V)
VDS
10V
Tj
25℃
Pulse Test
Forward Transfer Characteristics(Typical)
50
40
20
10
30
Gate-Source Voltage VGS
(V)
VDS
25V
Tj
25℃
Pulse Test
Forward Transconductance Vs.
Drain Current
100
50
10
20
10
20
50
Drain CurrentI
(A)
Tj
25℃
Tj
−25℃
Tj
100℃
VGS
10V
Pulse Test
Typical
0.
0.
0.
25
50
75
100
125
150
Drain CurrentI
(A)
Drain-Source On-State Resistance Vs.
Drain Current
Ciss
VGS
0V
f
1MHz
Tj
25℃
Coss
Crss
Input Capacitance, Output Capacitance,
Reverse Transfer Capacitance(Typical)
40
80
120
160
200
240
10000
1000
100
Drain-Source Voltage VDS
(V)
Pw
10μ
s
100
μs
1ms
10ms
D.C.
FBA50CA45
FBA50CA50
Tj
25℃
Non-Repetitive
2
10
5
5
10
0
10
10
10
10
10
1
Drain-Source Voltage VDS
(V)
Safe Operating Area
SanRex
®


Similar Part No. - FBA50CA45

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
FBA50CA45 SANREX-FBA50CA45 Datasheet
340Kb / 21P
   MOSFET MODULE
More results

Similar Description - FBA50CA45

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SF100CB100 SANREX-SF100CB100 Datasheet
112Kb / 3P
   Isolated power MOSFET module designed for fast switching applications of high voltage and current with a fast recovery diode
logo
IXYS Corporation
VMK90-02T2 IXYS-VMK90-02T2 Datasheet
128Kb / 4P
   Dual Power MOSFET Module
VMM1500-0075P IXYS-VMM1500-0075P Datasheet
46Kb / 2P
   Dual Power MOSFET Module
VMM1500-0075X2 IXYS-VMM1500-0075X2 Datasheet
238Kb / 5P
   Dual Power MOSFET Module
VMK165-007T IXYS-VMK165-007T Datasheet
84Kb / 2P
   Dual Power MOSFET Module
logo
Toshiba Semiconductor
TK80F08K3 TOSHIBA-TK80F08K3 Datasheet
220Kb / 7P
   Swiching Regulator
logo
Inchange Semiconductor ...
1SS355 ISC-1SS355 Datasheet
265Kb / 2P
   Swiching Diode
2023-9-7
logo
Mean Well Enterprises C...
PS-15 MEANWELL-PS-15_12 Datasheet
897Kb / 2P
   15W Sinsgle Output Swiching Power Suply
logo
Guangdong Kexin Industr...
BAS140WS KEXIN-BAS140WS Datasheet
34Kb / 1P
   SILICON SWICHING DIODE
logo
Advanced Power Technolo...
APTM20DUM05 ADPOW-APTM20DUM05 Datasheet
289Kb / 6P
   Dual common source MOSFET Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com