Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD618112N Datasheet(PDF) 1 Page - Sensitron

Part # SHD618112N
Description  HERMETIC SILICON CARBIDE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD618112N Datasheet(HTML) 1 Page - Sensitron

  SHD618112N Datasheet HTML 1Page - Sensitron SHD618112N Datasheet HTML 2Page - Sensitron SHD618112N Datasheet HTML 3Page - Sensitron SHD618112N Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address- sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA, PROVISIONAL DATA ONLY
DATASHEET 4178, Rev. A
HERMETIC SILICON CARBIDE RECTIFIER
DESCRIPTION: A 1200-VOLT, 20 AMP POWER SILICON CARBIDE RECTIFIER IN A CERAMIC
HERMETIC SHD-5 PACKAGE
FEATURES:
NO RECOVERY TIME OR REVERSE RECOVERY LOSSES
NO TEMPERATURE INFLUENCE ON SWITCHING BEHAVIOR
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25
°C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
1200
Volts
MAXIMUM DC OUTPUT CURRENT PER LEG
IO
10
Amps
MAXIMUM REPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 8.3ms, Sine)
IFRM
50
Amps
MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 10
µs, pulse)
IFSM
250
Amps
MAXIMUM JUNCTION CAPACITANCE PER LEG (Vr=400V)
CT
70
pF
MAXIMUM POWER DISSIPATION
Pd
40
W
MAXIMUM THERMAL RESISTANCE (Junction to Case)
RθJC
0.90
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top, Tstg
-55 to
+200
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
TYP
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP If=10A PER LEG, TJ=25 °C
TJ=175 °C
1.60
2.50
1.80
3.00
Volts
MAXIMUM REVERSE CURRENT PIV = 1200V PER LEG, TJ = 25 °C
TJ = 175 °C
0.01
0.02
0.40
2.00
mA
TOTAL CAPACITIVE CHARGE PER LEG (VR=1200V, IF=10A,
di/dt=500A/
µs and T
J=25°C) QC
60
N/A
nC
SHD618112P/N
SHD618112AP/N
SHD618112BP/N


Similar Part No. - SHD618112N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD618052AN SENSITRON-SHD618052AN Datasheet
292Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD618052AP SENSITRON-SHD618052AP Datasheet
292Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD618052BN SENSITRON-SHD618052BN Datasheet
292Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD618052BP SENSITRON-SHD618052BP Datasheet
292Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD618052N SENSITRON-SHD618052N Datasheet
292Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
More results

Similar Description - SHD618112N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD620052 SENSITRON-SHD620052 Datasheet
166Kb / 2P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674112 SENSITRON-SHD674112 Datasheet
240Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD676052 SENSITRON-SHD676052 Datasheet
52Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD620112 SENSITRON-SHD620112 Datasheet
244Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626031 SENSITRON-SHD626031 Datasheet
184Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD675052 SENSITRON-SHD675052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112 SENSITRON-SHDC626112 Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122_09 Datasheet
66Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626051 SENSITRON-SHD626051 Datasheet
464Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674052 SENSITRON-SHD674052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122 Datasheet
69Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com