Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1845X-050 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1845X-050
Description  Dual NV Potentiometer and Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1845X-050 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1845X-050 Datasheet HTML 1Page - Dallas Semiconductor DS1845X-050 Datasheet HTML 2Page - Dallas Semiconductor DS1845X-050 Datasheet HTML 3Page - Dallas Semiconductor DS1845X-050 Datasheet HTML 4Page - Dallas Semiconductor DS1845X-050 Datasheet HTML 5Page - Dallas Semiconductor DS1845X-050 Datasheet HTML 6Page - Dallas Semiconductor DS1845X-050 Datasheet HTML 7Page - Dallas Semiconductor DS1845X-050 Datasheet HTML 8Page - Dallas Semiconductor DS1845X-050 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS1845
3 of 13
H0, H1 – These are the high-end terminals of the potentiometers. For both potentiometers, it is not
required that these terminals be connected to a potential greater than the low-end terminal of the
potentiometer. Voltage applied to the high end of the potentiometers cannot exceed the power supply
voltage, VCC, or go below ground.
L0, L1 – These are the low-end terminals of the potentiometers. It is not required that these terminals be
connected to a potential less than the high-end terminals of the pot. Voltage applied to the low end of the
potentiometers cannot exceed the power-supply voltage, VCC, or go below ground.
W0, W1 - Wiper of the Potentiometer. This pin is the wiper terminal of the potentiometer. The bytes in
EEPROM memory locations F8h and F9h determine each wiper’s setting. Voltage applied to either
wiper terminal cannot exceed the power-supply voltage, VCC, or go below ground.
MEMORY ORGANIZATION
The DS1845’s serial EEPROM is internally organized with 256 words of 1 byte each. Each word requires
an 8-bit address for random word addressing. The byte at address F9h determines the wiper setting for
potentiometer 0, which contains 100 positions. Writing values above 63h to this address sets the wiper to
its uppermost position. The byte at address F8h determines the wiper setting for potentiometer 1, which
contains 256 positions (00h to FFh). Address locations FAh though FFh are reserved and should not be
written.
DEVICE OPERATION
Clock and Data Transitions: The SDA pin is normally pulled high with an external resistor or device.
Data on the SDA pin may only change during SCL low time periods. Data changes during SCL high
periods will indicate a start or stop conditions depending on the conditions discussed below. Refer to the
timing diagram Fig 2 for further details.
Start Condition: A high-to-low transition of SDA with SCL high is a start condition which must
precede any other command. Refer to the timing diagram Fig 2 for further details.
Stop Condition: A low-to-high transition of SDA with SCL high is a stop condition. After a read
sequence, the stop command places the DS1845 into a low-power mode. Refer to the timing diagram Fig
2 for further details.
Acknowledge: All address and data byte are transmitted via a serial protocol. The DS1845 pulls the
SDA line low during the ninth clock pulse to acknowledge that it has received each word.
Standby Mode: The DS1845 features a low-power mode that is automatically enabled after power-on,
after a stop command, and after the completion of all internal operations.
2-Wire Interface Reset: After any interruption in protocol, power loss, or system reset, the following
steps reset the DS1845.
1. Clock up to nine cycles.
2. Look for SDA high in each cycle while SCL is high.
3.
Create a start condition while SDA is high.


Similar Part No. - DS1845X-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
   Dual NV Potentiometer and Memory
011006
More results

Similar Description - DS1845X-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
   Dual NV Potentiometer and Memory
011006
DS1846 MAXIM-DS1846 Datasheet
248Kb / 18P
   NV Tri-Potentiometer, Memory, and MicroMonitor
042902
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS1804 MAXIM-DS1804 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
logo
Dallas Semiconductor
DS1804 DALLAS-DS1804 Datasheet
85Kb / 7P
   NV Trimmer Potentiometer
DS1855 DALLAS-DS1855 Datasheet
252Kb / 20P
   Dual Nonvolatile Digital Potentiometer and Secure Memory
logo
Maxim Integrated Produc...
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
   Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
logo
Dallas Semiconductor
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com