Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTW681200 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTW681200
Description  HIGH SURGE CAPABILITY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTW681200 Datasheet(HTML) 5 Page - STMicroelectronics

  BTW681200 Datasheet HTML 1Page - STMicroelectronics BTW681200 Datasheet HTML 2Page - STMicroelectronics BTW681200 Datasheet HTML 3Page - STMicroelectronics BTW681200 Datasheet HTML 4Page - STMicroelectronics BTW681200 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Cooling method : C
Marking : type number
Weight : 4.7 g
Recommended torque value : 0.8 m.N.
Maximum torque value : 1 m.N.
Fig11 : On-state characteristics (maximum values).
H
R4.6
C
A
G
D
B
P
NN
L
M
J
I
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
15.10
15.50
0.594
0.611
B
20.70
21.10
0.814
0.831
C
14.30
15.60
0.561
0.615
D
16.10
16.50
0.632
0.650
G
3.40
-
0.133
-
H
4.40
4.60
0.173
0.182
I
4.08
4.17
0.161
0.164
J
1.45
1.55
0.057
0.062
L
0.50
0.70
0.019
0.028
M
2.70
2.90
0.106
0.115
N
5.40
5.65
0.212
0.223
P
1.20
1.40
0.047
0.056
PACKAGE MECHANICAL DATA
TOP 3 Plastic
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability
for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-T HOMSON Microelectronics.
Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems
without express written approval of SGS-THOMSON Microelectronics.
© 1995 SGS-THOMSON Microelectronics - Printed in Italy - All rights reserved.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Nether-
lands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
BTW 68 (N)
5/5


Similar Part No. - BTW681200

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTW68-600 ISC-BTW68-600 Datasheet
303Kb / 3P
   isc Thyristors
More results

Similar Description - BTW681200

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
   High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com