Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2000TSN-B5TR Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # BQ2000TSN-B5TR
Description  Programmable Multi-Chemistry Fast-Charge Management IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BQ2000TSN-B5TR Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BQ2000TSN-B5TR Datasheet HTML 6Page - List of Unclassifed Manufacturers BQ2000TSN-B5TR Datasheet HTML 7Page - List of Unclassifed Manufacturers BQ2000TSN-B5TR Datasheet HTML 8Page - List of Unclassifed Manufacturers BQ2000TSN-B5TR Datasheet HTML 9Page - List of Unclassifed Manufacturers BQ2000TSN-B5TR Datasheet HTML 10Page - List of Unclassifed Manufacturers BQ2000TSN-B5TR Datasheet HTML 11Page - List of Unclassifed Manufacturers BQ2000TSN-B5TR Datasheet HTML 12Page - List of Unclassifed Manufacturers BQ2000TSN-B5TR Datasheet HTML 13Page - List of Unclassifed Manufacturers BQ2000TSN-B5TR Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
These thresholds are the following:
n
High-temperature cutoff voltage: VTCO = 0.225 ∗
VCC This voltage corresponds to the maximum
temperature (TCO) at which fast charging is
allowed. The bq2000T terminates fast charge if the
voltage on pin TS falls below VTCO.
n
High-temperature fault voltage: VHTF = 0.25 ∗ VCC
This voltage corresponds to the temperature
(HTF) at which fast charging is allowed to begin.
n
Low-temperature fault voltage: VLTF = 0.5 ∗ VCC
This voltage corresponds to the minimum
temperature (LTF) at which fast charging or
top-off is allowed. If the voltage on pin TS rises
above VLTF, the bq2000T suspends fast charge or
top-off but does not terminate charge. When the
voltage falls back below VLTF, fast charge or top-off
resumes from the point where suspended.
Trickle-charge is allowed during this condition.
Table 4 summarizes these various conditions.
Charge Status Display
The charge status is indicated by open-drain output
LED. Table 5 summarizes the display output of the
bq2000T.
10
bq2000T
Table 5. Charge Status Display
Charge Action State
LED Status
Battery absent
High
impedance
Pre-charge qualification
1Hz flash
Trickle charge (before fast charge) 1Hz flash
Fast charging
Low
Top-off or trickle (after fast
charge, NiCd, NiMH only)
High
impedance
Charge complete
High
impedance
Temperature
Condition
Action
VTS >VLTF
Cold battery—checked at all times
Suspends fast charge or top-off and timer
Allows trickle charge—LED flashes at 1Hz
rate during pre-charge qualification and fast
charge
VHTF <VTS <VLTF
Optimal operating range
Allows charging
VTS <VHTF
Hot battery—checked during charge
qualification and top-off and
trickle-charge
Suspends fast-charge initiation, does not al-
low trickle charge—LED flashes at 1Hz rate
during pre-charge qualification
Table 4. Temperature-Monitoring Conditions
2000TCS.eps
BAT-
Power Supply ground
bq2000 ground
SNS
RSNS
Rf
Cf
1
2
VSS
bq2000T
Figure 9. Current-Sensing Circuit


Similar Part No. - BQ2000TSN-B5TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000TSN-B5TR TI1-BQ2000TSN-B5TR Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000TSN-B5TRG4 TI1-BQ2000TSN-B5TRG4 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
More results

Similar Description - BQ2000TSN-B5TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000 TI-BQ2000 Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI1-BQ2000T_15 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI-BQ2000T Datasheet
140Kb / 16P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
FEBRUARY 2000
BQ2000 TI1-BQ2000_15 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
logo
Shenzhen Huazhimei Semi...
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
   4A Multi-Type Battery Charge Management IC
logo
Texas Instruments
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com