Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN65512C Datasheet(PDF) 6 Page - TI store

Part No. SN65512C
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [TI store]
Homepage  http://www.ti.com
Logo 

   
 6 page
background image
SN65512C, SN75512C
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS054 – D3516, MAY 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
4–6
PARAMETER MEASUREMENT INFORMATION
CLOCK
DATA IN
VIH
VIL
VIH
VIL
tw
tw
th
tsu
1.5 V
Valid
Figure 1. Input Timing Voltage Waveforms
tTLH
10%
90%
10%
1.5 V
≤ 30 ns
≤ 30 ns
tTHL
VIH
VIL
tDLH
tDLH
STROBE
Q Outputs
90%
Figure 2. Switching Time Voltage Waveforms




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN65518VACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTI store
TL4810BVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTI store
LC7570Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications 1 2 3 4 Sanyo Semicon Device
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
MN12864HBSpecification of Vacuum Fluorescent Display 1 2 3 4 5 MoreList of Unclassifed Manufacturers
16T202DA1JVACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
20S207DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
DS8881Vacuum Fluorescent Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl