Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SN65512C Datasheet(PDF) 4 Page - TI store

Part No. SN65512C
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [TI store]
Homepage  http://www.ti.com
Logo 

   
 4 page
background image
SN65512C, SN75512C
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS054 – D3516, MAY 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
4–4
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC1 (see Note 1)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, VCC2
70 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
VCC1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN65512C
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN75512C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES: 1. Voltage values are with respect to network GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DW
1125 mW
9.0 mW/
°C
720 mW
585 mW
N
1150 mW
9.2 mW/
°C
736 mW
598 mW
recommended operating conditions
SN65512C
SN75512C
UNIT
MIN
MAX
MIN
MAX
UNIT
Supply voltage, VCC1
5
15
5
15
V
Supply voltage, VCC2
0
60
0
60
V
High-level input voltage, VIH
2
2
V
Low-level input voltage, VIL
0.8
0.8
V
High-level output current, IOH
–25
–25
mA
Low-level output current, IOL
VCC1 = 5 V
5
5
mA
Clock frequency f lk
VCC1 = 15 V,
TA = 25°C
0
4
0
4
MHz
Clock frequency, fclock
VCC1 = 5 V,
TA = 25°C
0
1
0
1
MHz
Pulse duration CLOCK high or low t
VCC1 = 15 V,
TA = 25°C
100
100
ns
Pulse duration, CLOCK high or low, tw
VCC1 = 5 V,
TA = 25°C
500
500
ns
Setup time DATA IN before CLOCK
↑ t
(see Figure 1)
VCC1 = 15 V,
TA = 25°C
100
100
ns
Setup time, DATA IN before CLOCK
↑, tsu (see Figure 1)
VCC1 = 5 V,
TA = 25°C
250
250
ns
Hold time DATA IN after CLOCK
↑ th (see Figure 1)
VCC1 = 15 V,
TA = 25°C
50
50
ns
Hold time, DATA IN after CLOCK
↑, th (see Figure 1)
VCC1 = 5 V,
TA = 25°C
250
250
ns
Operating free-air temperature, TA
–40
85
0
70
°C




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN65518VACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTI store
TL4810BVACUUM FLUORESCENT DISPLAY DRIVERS 1 2 3 4 5 MoreTI store
LC7570Static Drivers for Vacuum Fluorescent Display for Frequency Display Applications 1 2 3 4 Sanyo Semicon Device
MSC120942-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1 2 3 4 5 MoreOKI electronic componets
MN12864HBSpecification of Vacuum Fluorescent Display 1 2 3 4 5 MoreList of Unclassifed Manufacturers
16T202DA1JVACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
ML9209Vacuum fluorescent display tube controller driver 1 2 3 4 5 MoreOKI electronic componets
ML9261A60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1 2 3 4 5 MoreOKI electronic componets
20S207DA4VACUUM FLUORESCENT DISPLAY MODULE 1 2 3 4 5 MoreSamsung semiconductor
DS8881Vacuum Fluorescent Display Driver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl