Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9460S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # STAC9460S
Description  Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9460S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STAC9460S Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9460S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
2-9460-D1-1-0-0801
7
STAC9460/62
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
PRELIMINARY
INFORMATION
8/2 4 /0 1
3.5.
STAC9460 Analog Performance Characteristics
(Tambient = 25 °C, AVdd = 5.0V ± 5%, DVdd = 5.0V ± 5%, AVss=DVss=0V; 1 kHz
input sine wave; Sample Frequency = 48 kHz; 0 dB = 1 Vrms, 10 K
Ω/50 pF load,
Testbench Characterization BW: 20 Hz – 20 kHz, 0 dB settings on all gain stages)
Note:
1.
± 1 dB limits. If the sample rate is greater than or equal to 96 kHz the max frequency response becomes
40 kHz.
2.
The ratio of the rms output level with 1 kHz full scale input to the rms output level with all zeros into the
digital input. Measured “A weighted” over a 20 Hz to a 20 kHz bandwidth. (AES17-1991 Idle Channel
Noise or EIAJ CP-307 Signal-to-noise Ratio).
3.
0 dB gain, 20 kHz BW, 48 kHz Sample Frequency
4.
± 0.25 dB limits. The D/A freq. response becomes 40 kHz with sampling rates > 96 kHz. At ±3dB the
response range is from 20-22,500Hz at 48kHz, or 20-20,000Hz @ 44.1kHz or 20-45,000Hz @ 96kHz.
5.
Transition band is 40-60% of sample rate. Stop band begins at 60% of sample rate.
6.
Digital De-Emphasis OFF.
7.
The integrated Out-of-Band noise generated by the DAC process, during normal PCM audio playback,
over a bandwidth 28.8 to 100 kHz, with respect to a 1 Vrms DAC output.
PARAMETER
MIN
TYP
MAX
UNITS
Full Scale Input Voltage:
Differential Inputs
Mic Inputs
-
-
1.0
1.0
-
-
Vrms
Vrms
Full Scale Output Voltage: Line Output 5V
-
1.0
-
Vrms
Analog Frequency Response (Note 1)
20
-
20,000
Hz
Digital S/N (Note 2)
D/A 5V
A/D 5V
-
-
104
100
-
-
dB
dB
Total Harmonic Distortion: Line Output (Note 3)
-
90
-
dB
D/A Frequency Response (Note 4)
20
-
20,000
Hz
A/D Frequency Response (Note 4)
20
-
20,000
Hz
Transition Band(Note 6)
19,200
-
28,800
Hz
Stop Band(Note 6)
28,800
-
-
Hz
Deviation from Linear Phase (Note 6)
-
-
1
degree
Stop Band Rejection
-85
-
-
dB
Out-of-Band Rejection (Note 7)
-
-40
-
dB
Group Delay
-
-
1
ms
Power Supply Rejection Ratio (1kHz)
-
-40
-
dB
Crosstalk between Input channels
-
-
-85
dB
Spurious Tone Rejection
-
-100
-
dB
Mic Gain Step Size
-
1.5
-
dB
Mic Input Impedance
-
40
-
K
Differential Input Impedance
-
18
K
Input Capacitance
-
15
-
pF
VREFout
-
0.45 x AVdd
-
V
Interchannel Gain Mismatch ADC
-
-
0.5
dB
Interchannel Gain Mismatch DAC
-
-
0.5
dB
Gain Drift
-
100
-
ppm/ºC
DAC Offset Voltage
-
10
50
mV
External Load Impedance
10
-
-
K
Mute Attenuation (Vrms input)
90
96
-
dB


Similar Part No. - STAC9460S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - STAC9460S

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com