Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SHD224701 Datasheet(PDF) 2 Page - Sensitron

Part No. SHD224701
Description  LOW RDS HERMETIC POWER MOSFET - N-CHANNEL
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

   
 2 page
background image
•221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798•
• World Wide Web Site - www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 4151, REV. B
MECHANICAL DIMENSIONS: in Inches / mm
12
3
.270
.240
(6.86
6.10)
.045
.035
(1.14
0.89)
.140(3.56) BSC
.550
.530
(13.97
13.46)
.695
.685
(17.65
17.40)
.835
.815
(21.21
20.70)
.707
.697
(17.96
17.70)
1.302
1.202
(33.07
30.53)
.065
.055
(1.65
1.40)
3 Places
.200(5.08) BSC
2 Places
.165
.155
(4.19
3.94)
Dia.
DEVICE TYPE
PIN-1
PIN-2
PIN-3
N-CHANNEL MOSFET
TO-258 PACKAGE
DRAIN
SOURCE
GATE
SHD224701
SHDCG224701
TO-258
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of the
datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment, medical
equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by means of users’
fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation of
the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or any
other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use at
a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of Sensitron
Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will hinder
maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party. When
exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SHD225701LOW RDS HERMETIC POWER MOSFET - N-CHANNEL 1 2 Sensitron
SHD225623HERMETIC POWER MOSFET N-CHANNEL ULTRA LOW RDS ON 1 2 3 Sensitron
SHD226701LOW RDS on HERMETIC POWER MOSFET - N-CHANNEL 1 2 Sensitron
SBF50P10-023LRAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL 1 2 3 Sensitron
SHD244702LOW RDS HERMETIC POWER MOSFET - P-CHANNEL 1 2 3 Sensitron
STD55NH2LLN-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STS5NS150N-CHANNEL 150V - 0.075 ohm - 5A SO-8 LOW GATE CHARGE STripFET™ II POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STD10NF10N-CHANNEL 100V - 0.115 ohm - 13A IPAK/DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STB14NF10N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STS8DNF3LLDUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET™ II POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl