Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1E2 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # 1E2
Description  SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1E2 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  1E2 Datasheet HTML 1Page - Pan Jit International Inc. 1E2 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
1E1 THRU 1E5
NOTE:1.Rise Time = 70ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
30
24
18
12
6
1
2
4
6
8 10
20
60 80 100
40
NUMBER OF CYCLES AT 60Hz
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND
TEST CIRCUIT DIAGRAM
Fig. 2-MAXIMUM NON-REPEITIVE
SURGE CURRENT
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
0
20
40
60
80
120
140
160
180
MAXIMUM AVERAGE CURRENT RATING
SINGLE PHASE, HALF WAVE, 60Hz RESISTIVE
OR INDUCTIVE LOAD .375"(9.5mm) LEAD
LENGTHS
AMBIENT TEMPERATURE, ¢J
Fig. 3-MAXIMUM AVERAGE FORWARD CURRENT RATING
10
1.0
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25¢J
1E5
1E3A
1E1
INSTANTANEOUS FORWARD VOLTAGE VOLTS
Fig. 4-FORWARD CURRENT
DERATING CURVE
1000
100
10
1.0
0.1
20
40
60
80
100
T
J = 125¢J
T
J = 75¢J
T
J = 25¢J
% OF PIV, VOLTS
100
10
1
0.1
1
10
100
TJ = 25¢J
f = 1.0MHz
Vsig = 50mVp-p
REVERSE VOLTAGE, VOLTS
Fig. 5-TYPICAL REVERSE CHARACTERISTICS
Fig. 6-TYPICAL JUNCTION
CAPACITANCE


Similar Part No. - 1E2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1E2 PANJIT-1E2 Datasheet
43Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
1E2 BILIN-1E2 Datasheet
71Kb / 2P
   ULTRA FAST RECTIFIER
logo
Rectron Semiconductor
1E2 RECTRON-1E2 Datasheet
88Kb / 3P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
logo
Pan Jit International I...
1E2 PANJIT-1E2 Datasheet
51Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1E2 LRC-1E2 Datasheet
219Kb / 7P
   Fast Recovery ectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results

Similar Description - 1E2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER100S PANJIT-ER100S Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100 PANJIT-ER100 Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
logo
Pan Jit International I...
ER1A PANJIT-ER1A Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
E1A YEASHIN-E1A Datasheet
365Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
ES1A YEASHIN-ES1A Datasheet
41Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere
logo
DAESAN ELECTRONIC CORP.
1N4933 DAESAN-1N4933 Datasheet
227Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
1N4933G DAESAN-1N4933G Datasheet
321Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
SF11 DAESAN-SF11 Datasheet
230Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
SM4933 DAESAN-SM4933 Datasheet
293Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com