Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SHD125212 Datasheet(PDF) 2 Page - Sensitron

Part No. SHD125212
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

   
 2 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATASHEET 4157, REV. -
Mechanical Dimensions: In Inches / mm
SINGLE
COMMON CATHODE
1
2
3
1
2
3
COMMON ANODE
DOUBLER
1
2
3
1
2
3
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
DUAL RECTIFIER, COMMON CATHODE (P)
ANODE 1
COMMON CATHODE
ANODE 2
DUAL RECTIFIER, COMMON ANODE (N)
CATHODE 1
COMMON ANODE
CATHODE 2
DUAL RECTIFIER, DOUBLER (D)
ANODE
CATHODE/ANODE
CATHODE
Note: The Vf curves shown are for the SD125SA45 un-packaged die only.
SHD125212
SHD125212P
SHD125212N
SHD125212D
1
2
3
.260
.249
(6.60
6.32)
.050
.040
(1.27
1.02)
.150(3.81) BSC
.545
.535
(13.84
13.58)
.545
.535
(13.84
13.60)
.800
.790
(20.32
20.07)
.685
.665
(17.40
16.89)
1.235
1.195
(31.37
30.35)
.045
.035
(1.14
0.89)
3 Places
.150(3.81) BSC
2 Places
.149
.139
(3.78
3.53)
Dia.
TO-254
0.0
0.2
0.4
0.6
0.8
Forward Voltage Drop - V
F (V)
10-1
10
0
101
Typical Forward Characteristics
125 °C
150 °C
25 °C
0
10
20
30
40
50
Reverse Voltage - V R (V)
10
-3
10
-2
10
-1
10
0
10
1
10
2
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
0
10
20
30
40
50
Reverse Voltage - V R (V)
200
300
400
500
600
700
800
Typical Junction Capacitance




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SHD115546HERMETIC POWER SCHOTTKY RECTIFIER 200°C Maximum Operation Temperature Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD119522HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD119622HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD120111PHERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD124268HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage 1 2 3 Sensitron
SHD116068HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 Sensitron
SHD124412HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage 1 2 3 Sensitron
SHD124668HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage 1 2 3 Sensitron
SHD116111HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD125446HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl