Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SHD125212 Datasheet(PDF) 1 Page - Sensitron

Part No. SHD125212
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

   
 1 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4157, REV. -
HERMETIC POWER SCHOTTKY RECTIFIER
Very Low Forward Voltage
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
45
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Single/Doubler)
15
A
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Common
Cathode/Common Anode)
30
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(per leg)
200
A
Max. Thermal Resistance
RθJC
(Single)
1.45
°C/W
Max. Thermal Resistance
RθJC
(Common Cathode/Common
Anode/Doubler) (per leg)
0.72
°C/W
Max. Junction Temperature
TJ
-
-65 to +150
°C
Max. Storage Temperature
Tstg
-
-65 to +150
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 15A, Pulse, TJ = 25 °C
(per leg)
0.65
V
VF2
@ 15A, Pulse, TJ = 125 °C
(per leg)
0.60
V
Max. Reverse Current
IR1
@VR = 45V, Pulse,
TJ = 25 °C (per leg)
1.5
µA
IR2
@VR = 45V, Pulse,
TJ = 125 °C (per leg)
70
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p) (per leg)
800
pF
SHD125212
SHD125212P
SHD125212N
SHD125212D




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SHD115546HERMETIC POWER SCHOTTKY RECTIFIER 200°C Maximum Operation Temperature Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD119522HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD119622HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD120111PHERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD124268HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage 1 2 3 Sensitron
SHD116068HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 Sensitron
SHD124412HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage 1 2 3 Sensitron
SHD124668HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage 1 2 3 Sensitron
SHD116111HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD125446HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl