Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD124511N Datasheet(PDF) 2 Page - Sensitron

Part # SHD124511N
Description  VERY LOW DROP HERMETIC POWER SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD124511N Datasheet(HTML) 2 Page - Sensitron

  SHD124511N Datasheet HTML 1Page - Sensitron SHD124511N Datasheet HTML 2Page - Sensitron SHD124511N Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4172, REV. –
MECHANICAL DIMENSIONS: In Inches / mm
SINGLE
COMMON CATHODE
1
2
3
1
2
3
COMMON ANODE
DOUBLER
1
2
3
3
2
1
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
DUAL RECTIFIER, COMMON CATHODE (P)
ANODE 1
COMMON CATHODE
ANODE 2
DUAL RECTIFIER, COMMON ANODE (N)
CATHODE 1
COMMON ANODE
CATHODE 2
DOUBLER (D)
ANODE
ANODE/CATHODE
CATHODE
Note: Vf curves are for bare die only.
SHD124511
SHD124511P
SHD124511N
SHD124511D
1
2
3
.270
.240
(6.86
6.10)
.045
.035
(1.14
0.89)
.140(3.56) BSC
.550
.530
(13.97
13.46)
.695
.685
(17.65
17.40)
.835
.815
(21.21
20.70)
.707
.697
(17.96
17.70)
1.302
1.202
(33.07
30.53)
.065
.055
(1.65
1.40)
3 Places
.200(5.08) BSC
2 Places
.165
.155
(4.19
3.94)
Dia.
TO-258
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Forward Voltage Drop - V
F (V)
10
-1
10
0
101
10
2
Typical Forward Characteristics
125 °C
150 °C
25 °C
0
10
20
30
40
Reverse Voltage - V
R (V)
10
-2
10-1
100
10
1
10
2
103
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
0
10
20
30
40
Reverse Voltage - V
R (V)
1800
2100
2400
2700
3000
Typical Junction Capacitance


Similar Part No. - SHD124511N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124512 SENSITRON-SHD124512 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124512D SENSITRON-SHD124512D Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124512N SENSITRON-SHD124512N Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124512P SENSITRON-SHD124512P Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
More results

Similar Description - SHD124511N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD120012 SENSITRON-SHD120012_08 Datasheet
47Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD115524 SENSITRON-SHD115524 Datasheet
150Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116012 SENSITRON-SHD116012 Datasheet
155Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD120012P SENSITRON-SHD120012P Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD126046 SENSITRON-SHD126046 Datasheet
83Kb / 3P
   VERY LOW VOLTAGE DROP HERMETIC POWER SCHOTTKY RECTIFIER
SHD115524 SENSITRON-SHD115524_11 Datasheet
60Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116112 SENSITRON-SHD116112_08 Datasheet
41Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116012 SENSITRON-SHD116012_11 Datasheet
92Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD119622 SENSITRON-SHD119622 Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD114622 SENSITRON-SHD114622_08 Datasheet
47Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com