Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-F1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # E39-F1
Description  Fiber-Optic Accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

E39-F1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  E39-F1 Datasheet HTML 1Page - List of Unclassifed Manufacturers E39-F1 Datasheet HTML 2Page - List of Unclassifed Manufacturers E39-F1 Datasheet HTML 3Page - List of Unclassifed Manufacturers E39-F1 Datasheet HTML 4Page - List of Unclassifed Manufacturers E39-F1 Datasheet HTML 5Page - List of Unclassifed Manufacturers E39-F1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
E39
E39
4
E39-F1 Lens Kit
INSTALLING ACCESSORIES
This pair of lenses increases the sensing
distance of selected fiber-optic cables. To
install, screw each lens onto the threaded
tip of each sensing head.
Installation
Amplifer
Sensing distance with fiber-optic cables
Part
Fiber-optic E32-T11
E32-T11L
E32-T11R
E32-TC50
E32-TC200 E32-
E32-TC500 E32-
E32-T61
number
cable
TC200C
TC1000
E3X-A
w/ lens
1 m
1 m
1 m
1.5 m
1.5 m
800 mm
1.5 m
1 m
1.5 m
(3.3 ft)
(3.3 ft)
(3.3 ft)
(4.9 ft)
(4.9 ft)
(31.5 in)
(4.9 ft)
(3.3 ft)
(4.9 ft)
w/o lens
180 mm
350 mm
140 mm
200 mm
200 mm
150 mm
200 mm
500 mm
150 mm
(7.1 in)
(13.8 in)
(5.5 in)
(7.9 in)
(7.9 in)
(5.9 in)
(7.9 in)
(19.7 in)
(5.9 in)
E3X-DA
w/ lens
4 m
4 m
4 m
Contact
4 m
Contact
Contact
Contact
4 m
(13.1 ft)
(13.1 ft)
(13.1 ft)
Omron
(13.1 ft)
Omron
Omron
Omron
(13.1 ft)
w/o lens
850 mm
1.66 m
670 mm
Contact
950 mm
Contact
Contact
Contact
570 mm
(33.5 in)
(5.5 ft)
(26.4 in)
Omron
(37.4 in)
Omron
Omron
Omron
(22.4 in)
E3X-F
w/ lens
400 mm
550 mm
Contact
670 mm
350 mm
1 m
450 mm
(15.8 in)
(21.7 in)
Omron
(26.4 in)
(13.8 in)
(3.3 ft)
(17.7 in)
w/o lens
80 mm
150 mm
Contact
80 mm
60 mm
500 mm
60 mm
(3.2 in)
(5.9 in)
Omron
(3.1 in)
(2.4 in)
(19.7 in)
(2.4 in)
E3X-H
w/ lens
2 m
2 m
2.1 m
3 m
3 m
1.6 m
3 m
1 m
3 m
(6.6 ft)
(6.6 ft)
(6.9 ft)
(9.8 ft)
(9.8 ft)
(5.2 ft)
(9.8 ft)
(3.3 ft)
(9.8 ft)
w/o lens
360 mm
700 mm
280 mm
400 mm
400 mm
300 mm
400 mm
500 mm
300 mm
(14.2 in)
(27.6 in)
(11.0 in)
(15.7 in)
(15.7 in)
(11.8 in)
(15.7 in)
(19.7 in)
(11.8 in)
E3X-NH
w/ lens
2 m
2 m
2.1 m
Contact
3 m
3.6 m
Contact
Contact
3 m
(6.6 ft)
(6.6 ft)
(6.9 ft)
Omron
(9.8 ft)
(11.8 ft)
Omron
Omron
(9.8 ft)
w/o lens
360 mm
700 mm
280 mm
Contact
400 mm
300 mm
Contact
Contact
300 mm
(14.2 in)
(27.6 in)
(11.0 in)
Omron
(15.7 in)
(11.8 in)
Omron
Omron
(11.8 in)
E3X-NHB w/ lens
250 mm
250 mm
Contact
Contact
420 mm
Contact
Contact
Contact
Contact
(9.8 in)
(9.8 in)
Omron
Omron
(16.5 in)
Omron
Omron
Omron
Omron
w/o lens
90 mm
90 mm
Contact
Contact
55 mm
Contact
Contact
Contact
Contact
(3.5 in)
(3.5 in)
Omron
Omron
(2.2 in)
Omron
Omron
Omron
Omron
E3X-NM
w/ lens
1.3 m
1.2 m
1.3 m
Contact
2 m
800 mm
Contact
Contact
2 m
(4.3 ft)
(3.9 ft)
(4.3 ft)
Omron
(6.6 ft)
(31.5 in)
Omron
Omron
(6.6 ft)
w/o lens
240 mm
500 mm
180 mm
Contact
270 mm
200 mm
Contact
Contact
180 mm
(9.4 in)
(19.7 in)
(7.1 in)
Omron
(10.6 in)
(7.9 in)
Omron
Omron
(7.1 in)
E3X-NT
w/ lens
1.4 m
1.28 m
1.4 m
Contact
2.1 m
850 mm
Contact
Contact
2.1 m
(4.6 ft)
(4.2 ft)
(4.6 ft)
Omron
(6.9 ft)
(33.5 in)
Omron
Omron
(6.9 ft)
w/o lens
260 mm
540 mm
200 mm
Contact
290 mm
210 mm
Contact
Contact
190 mm
(10.2 in)
(21.3 in)
(7.9 in)
Omron
(11.4 in)
(8.3 in)
Omron
Omron
(7.5 in)
E3X-NV
w/ lens
1.4 m
1.28 m
1.4 m
Contact
2.1 m
850 mm
Contact
Contact
2.1 m
(4.6 ft)
(4.2 ft)
(4.6 ft)
Omron
(6.9 ft)
(33.5 in)
Omron
Omron
(6.9 ft)
w/o lens
260 mm
540 mm
200 mm
Contact
290 mm
210 mm
Contact
Contact
190 mm
(10.2 in)
(21.3 in)
(7.9 in)
Omron
(11.4 in)
(8.3 in)
Omron
Omron
(7.5 in)
E3X-NVG w/ lens
120 mm
120 mm
Contact
Contact
190 mm
100 mm
Contact
Contact
130 mm
(4.7 in)
(4.7 in)
Omron
Omron
(7.5 in)
(3.9 in)
Omron
Omron
(5.1 in)
w/o lens
10 mm
40 mm
Contact
Contact
28 mm
18 mm
Contact
Contact
18 mm
(0.4 in)
(1.6 in)
Omron
Omron
(1.1 in)
(0.7 in)
Omron
Omron
(0.7 in)
E3X-VG
w/ lens
120 mm
120 mm
Contact
190 mm
190 mm
100 mm
1 m
130 mm
(4.7 in)
(4.7 in)
Omron
(7.5 in)
(7.5 in)
(3.9 in)
(3.3 ft)
(5.1 in)
w/o lens
10 mm
40 mm
Contact
28 mm
28 mm
18 mm
500 mm
18 mm
(0.4 in)
(1.6 in)
Omron
(1.1 in)
(1.1 in)
(0.7 in)
(19.7 in)
(0.7 in)


Similar Part No. - E39-F1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-F1 OMRON-E39-F1 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E39-F1-31 OMRON-E39-F1-31 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E39-F10 OMRON-E39-F10 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E39-F11 OMRON-E39-F11 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E39-F1V OMRON-E39-F1V Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
More results

Similar Description - E39-F1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39 OMRON-E39 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E39-F1-31 OMRON-E39-F1-31 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com