Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMF-50081ZNB-FW Datasheet(PDF) 8 Page - OPTEK Technologies

Part # DMF-50081ZNB-FW
Description  DMF-50081ZNB-FW
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

DMF-50081ZNB-FW Datasheet(HTML) 8 Page - OPTEK Technologies

Back Button DMF-50081ZNB-FW Datasheet HTML 4Page - OPTEK Technologies DMF-50081ZNB-FW Datasheet HTML 5Page - OPTEK Technologies DMF-50081ZNB-FW Datasheet HTML 6Page - OPTEK Technologies DMF-50081ZNB-FW Datasheet HTML 7Page - OPTEK Technologies DMF-50081ZNB-FW Datasheet HTML 8Page - OPTEK Technologies DMF-50081ZNB-FW Datasheet HTML 9Page - OPTEK Technologies DMF-50081ZNB-FW Datasheet HTML 10Page - OPTEK Technologies DMF-50081ZNB-FW Datasheet HTML 11Page - OPTEK Technologies DMF-50081ZNB-FW Datasheet HTML 12Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DMF-50081ZNB-FW
(AQ)
No.2000-0130
OPTREX CORPORATION
Page 8/18
OPTREX
3. Opt ica l S pe ci f ic at i ons
3.1.LCD Driving Voltage
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Recommended
Ta= 0
27.1
V
LCD Driving Voltage
VCC-VADJ
Ta=25
21.7
23.3
24.9
V
Note 1
Ta=50
19.9
V
Note 1 :
Voltage (Applied actual waveform to LCD Module) for the best contrast. The range of
minimum and maximum shows tolerance of the operating voltage. The specified contrast ratio and
response time are not guaranteed over the entire range.
3.2.Optical Characteristics
Ta=25
, 1/240 Duty, 1/15 Bias, VD=23.3V (Note 4),
= 0 ,
=
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Contrast Ratio
Note 1
CR
= 0 ,
=
4
Viewing Angle
Shown in 3.3
Response
Rise
Note 2
TON
100
200
ms
Time
Decay Note 3
TOFF
360
540
ms
Note 1 : Contrast ratio is definded as follows.
CR = LON / LOFF
LON : Luminance of the ON segments
LOFF : Luminance of the OFF segments
Note 2 : The time that the luminance level reaches 90% of the saturation level from 0% when ON
signal is applied.
Note 3 : The time that the luminance level reaches 10% of the saturation level from 100% when OFF
signal is applied.
Note 4 : Definition of Driving Voltage VD
VD=VCC-VADJ-VBE
Assuming that the typical driving waveforms shown below are applied to the LCD Panel at
1/A Duty - 1/B Bias ( A : Duty Number, B : Bias Number ). Driving voltage VD is definded
as the voltage VO-P when the contrast ratio (CR=LON / LOFF) is at its maximum.
VO-P
1 / fF
( B-2 )
VO-P / B
1 / (
fF A)
OFF SIGNAL
ON SIGNAL


Similar Part No. - DMF-50081ZNB-FW

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMF-50081 OPTREX-DMF-50081 Datasheet
186Kb / 18P
   LCD Module Specification
More results

Similar Description - DMF-50081ZNB-FW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12086 CREE-C12086 Datasheet
313Kb / 4P
   Strada-FW series
logo
List of Unclassifed Man...
FW.95.B.SMA-.M ETC2-FW.95.B.SMA-.M Datasheet
2Mb / 12P
   FW.95.B.SMA-.M
logo
Cree, Inc
CA12238 CREE-CA12238 Datasheet
1Mb / 11P
   Strada-FW-N83 series
logo
Adam Technologies, Inc.
DMF-C-C-M-R ADAM-TECH-DMF-C-C-M-R Datasheet
73Kb / 1P
   CRIMP CONTACT DMF SERIES TIN PLATED
logo
TT Electronics.
DS1951 TTELEC-DS1951 Datasheet
541Kb / 2P
   FW Series Digital Flow Indicator
logo
PHOENIX CONTACT
2700184 PHOENIX-2700184 Datasheet
45Kb / 2P
   License - FL MGUARD LIC LIFETIME FW
2701356 PHOENIX-2701356 Datasheet
45Kb / 2P
   License - FL MGUARD LIC FW RD
logo
NHP Electrical Engineer...
1783-HMS16T4CGN NHP-1783-HMS16T4CGN Datasheet
677Kb / 1P
   STRATIX 5400 16COPPER-FE 4COMBO-GB LAY2 FW CIP NAT
9 June 2023,
logo
STMicroelectronics
GS-BT2416C1.H STMICROELECTRONICS-GS-BT2416C1.H Datasheet
348Kb / 19P
   Bluetooth짰 class 1 module with embedded HCI FW
GS-BT2416C2.H STMICROELECTRONICS-GS-BT2416C2.H Datasheet
867Kb / 18P
   Bluetooth class 2 module with embedded HCI FW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com