Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VWO50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VWO50
Description  Three Phase AC Controller Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VWO50 Datasheet(HTML) 1 Page - IXYS Corporation

  VWO50 Datasheet HTML 1Page - IXYS Corporation VWO50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
Features
q
Thyristor controller for AC (circuit
W3C acc. to IEC) for mains frequency
q
Package with metal base plate
q
Isolation voltage 3000 V~
q
Planar passivated chips
q
UL applied
Applications
q
Switching and control of
three phase AC circuits
q
Softstart AC motor controller
q
Solid state switches
q
Light and temperature control
Advantages
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
q
High power density
Symbol
Test Conditions
Maximum Ratings
I
RMS
T
C = 85°C, 50 - 400 Hz (per phase)
50
A
I
TRMS
T
VJ = TVJM
36
A
I
TAVM
T
C = 85°C; (180° sine)
23
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
520
A
V
R = 0
t = 8.3 ms (60 Hz), sine
560
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
460
A
V
R = 0
t = 8.3 ms (60 Hz), sine
500
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1350
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
1320
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1060
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
1050
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 150 A
100
A/
ms
f =50 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.3 A
non repetitive, I
T = ITAVM
500
A/
ms
di
G/dt = 0.3 A/ms
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
p =
30
ms10
W
I
T = ITAVM
t
p = 300 ms5
W
P
GAVM
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL £ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M5)
5/44
±15 % Nm/lb.in.
Terminal connection torque (M3; M5)
1.5/13
±15 % Nm/lb.in.
Weight
typ.
180
g
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
800
800
VWO 50-08io7
1200
1200
VWO 50-12io7
1400
1400
VWO 50-14io7
1600
1600
VWO 50-16io7
VWO 50
Data according to IEC 60747 refer to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions
Three Phase
AC Controller Modules
I
RMS
= 50 A
V
RRM = 800-1600 V
3
2
1
9
8
7
16
14
17
10
11
13
Preliminary data
14 1
16
2
17
3
710
8
11
9
13


Similar Part No. - VWO50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VWO140 IXYS-VWO140 Datasheet
92Kb / 2P
   Three Phase AC Controller Modules
VWO140-08IO1 IXYS-VWO140-08IO1 Datasheet
92Kb / 2P
   Three Phase AC Controller Modules
VWO140-12IO1 IXYS-VWO140-12IO1 Datasheet
92Kb / 2P
   Three Phase AC Controller Modules
VWO140-14IO1 IXYS-VWO140-14IO1 Datasheet
92Kb / 2P
   Three Phase AC Controller Modules
VWO140-16IO1 IXYS-VWO140-16IO1 Datasheet
92Kb / 2P
   Three Phase AC Controller Modules
More results

Similar Description - VWO50

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSUH50 POWERSEM-PSUH50 Datasheet
135Kb / 2P
   Three Phase AC Controller Modules
PSUT50 POWERSEM-PSUT50 Datasheet
135Kb / 2P
   Three Phase AC Controller Modules
PSUH95 POWERSEM-PSUH95 Datasheet
133Kb / 2P
   Three Phase AC Controller Modules
PSUT36 POWERSEM-PSUT36 Datasheet
119Kb / 2P
   Three Phase AC Controller Modules
PSUT90 POWERSEM-PSUT90 Datasheet
325Kb / 2P
   Three Phase AC Controller Modules
PSUT230 POWERSEM-PSUT230 Datasheet
325Kb / 2P
   Three Phase AC Controller Modules
PSUT65PSUH65 POWERSEM-PSUT65PSUH65 Datasheet
868Kb / 2P
   Three Phase AC Controller Modules
PSUT230PSUH230 POWERSEM-PSUT230PSUH230 Datasheet
325Kb / 2P
   Three Phase AC Controller Modules
logo
IXYS Corporation
VWO140 IXYS-VWO140 Datasheet
92Kb / 2P
   Three Phase AC Controller Modules
L173 IXYS-L173 Datasheet
161Kb / 2P
   Three Phase AC Controller Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com