Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4823 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4823
Description  3.3V/5V, 8-Channel Relay Drivers with Fast Recovery Time and Power-Save Mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4823 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4823 Datasheet HTML 5Page - Maxim Integrated Products MAX4823 Datasheet HTML 6Page - Maxim Integrated Products MAX4823 Datasheet HTML 7Page - Maxim Integrated Products MAX4823 Datasheet HTML 8Page - Maxim Integrated Products MAX4823 Datasheet HTML 9Page - Maxim Integrated Products MAX4823 Datasheet HTML 10Page - Maxim Integrated Products MAX4823 Datasheet HTML 11Page - Maxim Integrated Products MAX4823 Datasheet HTML 12Page - Maxim Integrated Products MAX4823 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Detailed Description
Serial Interface (MAX4822/MAX4823)
Depending on the MAX4822/MAX4823 device, the serial
interface can be controlled by either 8- or 16-bit words
as depicted in Figures 1 and 2. The MAX4823 does not
support power-save mode, so the serial interface con-
sists of an 8-bit-only shift register for faster control.
The MAX4822 consists of a 16-bit shift register and par-
allel latch controlled by SCLK and CS. The input to the
shift register is a 16-bit word. In the MAX4822, the first
8 bits determine the register address and are followed
by 8 bits of data as depicted in Figure 1. Bit A7 corre-
sponds to the MSB of the 8-bit register address in
Figure 1, while bit D7 corresponds to the MSB of the 8
bits of data in the same Figure 1.
The MAX4823 consists of an 8-bit shift register and par-
allel latch controlled by SCLK and CS. The input to the
shift register is an 8-bit word. Each data bit controls
one of the eight outputs, with the most significant bit
(D7) corresponding to OUT8, and the least significant
bit (D0) corresponding to OUT1 (see Figure 2).
+3.3V/+5V, 8-Channel Relay Drivers with Fast
Recovery Time and Power-Save Mode
_______________________________________________________________________________________
9
PIN
MAX4824
MAX4825
NAME
FUNCTION
13
PSAVE
Power-Save Control. Connect a timing capacitor from PSAVE to ground. The capacitor
value determines power-save timing as explained under the Applications Information
section. PSAVE can also be driven externally to control power-save mode
asynchronously. When PSAVE is asserted high, the current through the coils is reduced
to 60% of the initial nominal current value. To disable power-save mode in all channels,
drive PSAVE low for at least 3ms after last output setting.
14
14
OUT4
Open-Drain Output 4. Connect OUT4 to the low side of a relay coil. This output is pulled
to PGND when activated, but otherwise is high impedance.
15
15
OUT3
Open-Drain Output 3. Connect OUT3 to the low side of a relay coil. This output is pulled
to PGND when activated, but otherwise is high impedance.
17
17
OUT2
Open-Drain Output 2. Connect OUT2 to the low side of a relay coil. This output is pulled
to PGND when activated, but otherwise is high impedance.
18
18
OUT1
Open-Drain Output 1. Connect OUT1 to the low side of a relay coil. This output is pulled
to PGND when activated, but otherwise is high impedance.
19
19
VCC
Input Supply Voltage. Bypass VCC to GND with a 0.1µF capacitor.
20
20
SET
Set Input. Drive SET low to set all latches and registers high (all outputs are low
impedance). SET overrides all parallel and serial control inputs. RESET overrides SET
under all conditions.
—13
N.C.
No Connection. Not internally connected.
EP
EP
EP
Exposed Pad. Connect exposed paddle to ground.
MAX4824/MAX4825 Pin Description (continued)


Similar Part No. - MAX4823

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820 MAXIM-MAX4820 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820ETP MAXIM-MAX4820ETP Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820ETP MAXIM-MAX4820ETP Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
More results

Similar Description - MAX4823

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
logo
Kingston Technology Far...
SMS200S360G KINGSTON-SMS200S360G Datasheet
524Kb / 2P
   Save space, time and money.
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
List of Unclassifed Man...
UHD-400 ETC1-UHD-400 Datasheet
1Mb / 12P
   POWER AND RELAY DRIVERS
UHP-400 ETC2-UHP-400 Datasheet
2Mb / 128P
   QUAD POWER AND RELAY DRIVERS
logo
Sangdest Microelectroni...
FTB1F-15F SMC-FTB1F-15F Datasheet
161Kb / 5P
   Fast reverse recovery time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com