Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4825ETP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4825ETP
Description  3.3V/5V, 8-Channel Relay Drivers with Fast Recovery Time and Power-Save Mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4825ETP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4825ETP Datasheet HTML 2Page - Maxim Integrated Products MAX4825ETP Datasheet HTML 3Page - Maxim Integrated Products MAX4825ETP Datasheet HTML 4Page - Maxim Integrated Products MAX4825ETP Datasheet HTML 5Page - Maxim Integrated Products MAX4825ETP Datasheet HTML 6Page - Maxim Integrated Products MAX4825ETP Datasheet HTML 7Page - Maxim Integrated Products MAX4825ETP Datasheet HTML 8Page - Maxim Integrated Products MAX4825ETP Datasheet HTML 9Page - Maxim Integrated Products MAX4825ETP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
+3.3V/+5V, 8-Channel Relay Drivers with Fast
Recovery Time and Power-Save Mode
6
_______________________________________________________________________________________
OUT_ TURN-ON DELAY TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
2.7
40
60
80
100
120
140
20
2.3
5.5
OUT_ TURN-OFF DELAY TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
2.7
600
800
1000
1200
1400
1600
400
2.3
5.5
INPUT-LOGIC THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
3.9
4.3
3.1
3.5
2.7
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
1.0
2.3
5.5
BACK EMF CLAMPING WITH
STANDARD 3V RELAY VCC = 3.3V
MAX4822-25 toc13
100
µs/div
0V
0V
CS
5V/div
VOUT
2V/div
POWER-SAVE DELAY TIME
vs. CAPACITANCE
CAPACITANCE (nF)
800
600
200
400
5
10
15
20
30
25
35
40
0
0
1000
VCC = 3.3V
POWER-SAVE DELAY TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
3.9
4.3
3.1
3.5
2.7
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
3.95
4.00
3.50
2.3
5.5
CPSAVE = 0.1
µF
0.3
0.4
0.6
0.5
0.7
0.8
0
100
50
150
200
250
300
OUTPUT VOLTAGE vs. OUTPUT CURRENT
IN POWER-SAVE MODE
(PSAVE REGISTER = 111)
OUTPUT CURRENT (mA)
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4825ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820 MAXIM-MAX4820 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820ETP MAXIM-MAX4820ETP Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820ETP MAXIM-MAX4820ETP Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
More results

Similar Description - MAX4825ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
logo
Kingston Technology Far...
SMS200S360G KINGSTON-SMS200S360G Datasheet
524Kb / 2P
   Save space, time and money.
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
List of Unclassifed Man...
UHD-400 ETC1-UHD-400 Datasheet
1Mb / 12P
   POWER AND RELAY DRIVERS
UHP-400 ETC2-UHP-400 Datasheet
2Mb / 128P
   QUAD POWER AND RELAY DRIVERS
logo
Sangdest Microelectroni...
FTB1F-15F SMC-FTB1F-15F Datasheet
161Kb / 5P
   Fast reverse recovery time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com