Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4824ETP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4824ETP
Description  3.3V/5V, 8-Channel Relay Drivers with Fast Recovery Time and Power-Save Mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4824ETP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4824ETP Datasheet HTML 1Page - Maxim Integrated Products MAX4824ETP Datasheet HTML 2Page - Maxim Integrated Products MAX4824ETP Datasheet HTML 3Page - Maxim Integrated Products MAX4824ETP Datasheet HTML 4Page - Maxim Integrated Products MAX4824ETP Datasheet HTML 5Page - Maxim Integrated Products MAX4824ETP Datasheet HTML 6Page - Maxim Integrated Products MAX4824ETP Datasheet HTML 7Page - Maxim Integrated Products MAX4824ETP Datasheet HTML 8Page - Maxim Integrated Products MAX4824ETP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
+3.3V/+5V, 8-Channel Relay Drivers with Fast
Recovery Time and Power-Save Mode
4
_______________________________________________________________________________________
Note 1: Specifications at -40°C are guaranteed by design and not production tested.
Note 2: Thermal shutdown disables power save from all channels to reduce power dissipation inside the device.
Note 3: Thermal shutdown turns off all channels.
Note 4: The circuit can set the output voltage in power-save mode only if IOUT x RON < VOUTP.
Note 5: After relay turn-off, inductive kickback can momentarily cause the OUT_ voltage to exceed VCC. This is considered part of
normal operation and does not damage the device.
Note 6: Guaranteed by design.
Note 7: For other capacitance values, use the equation tPS = 32 x C.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 2.7V, TA = +25°C, unless otherwise
noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Data Hold Time
tDH
0ns
50% of SCLK to (VIH, VIL of DIN),
SCLK Fall to DOUT Valid
tDO
CL = 50pF
17
28
ns
Rise Time (DIN, SCLK, CS, SET,
RESET)
tSCR
20% of VCC to 70% of VCC, CL = 50pF
(Note 6)
2µs
Fall Time (DIN, SCLK, CS,
RESET, SET)
tSCF
20% of VCC to 70% of VCC, CL = 50pF
(Note 6)
2µs
RESET Minimum Pulse Width
tRW
70
ns
SET Minimum Pulse Width
tSW
70
ns
CS Minimum Pulse Width
tCSW
40
ns
PARALLEL TIMING (MAX4824/MAX4825)
Turn-On Time
tON
From rising edge of CS, RL = 50
Ω,
CL = 50pF
1µs
Turn-Off Time
tOFF
From rising edge of CS, RL = 50
Ω,
CL = 50pF
3µs
LVL Setup Time
tLS
20
ns
LVL Hold Time
tLH
0ns
Address to CS Setup Time
tAS
20
ns
Address to CS Hold Time
tAH
0ns
Rise Time (A2, A1, A0, LVL)
tSCR
20% of VCC to 70% of VCC, CL = 50pF
(Note 6)
2µs
Fall Time (A2, A1, A0, LVL)
tSCF
20% of VCC to 70% of VCC, CL = 50pF
(Note 6)
2µs
RESET Pulse Width
tRW
70
ns
SET Pulse Width
tSW
70
ns
CS Minimum Pulse Width
tCSW
40
ns
POWER-SAVE TIMING (MAX4822/MAX4824)
Power-Save Delay Time
tPS
Variation from typical value, CL = 100nF
(Note 7)
1.6
3.2
5.4
ms
Minimum PSAVE Low Time to
Power-Save Reset
tPSR
2
3.5
ms


Similar Part No. - MAX4824ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4824PMB1 MAXIM-MAX4824PMB1 Datasheet
2Mb / 7P
   MAX4824PMB1 Peripheral Module
Rev 0; 5/12
More results

Similar Description - MAX4824ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
logo
Kingston Technology Far...
SMS200S360G KINGSTON-SMS200S360G Datasheet
524Kb / 2P
   Save space, time and money.
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
List of Unclassifed Man...
UHD-400 ETC1-UHD-400 Datasheet
1Mb / 12P
   POWER AND RELAY DRIVERS
UHP-400 ETC2-UHP-400 Datasheet
2Mb / 128P
   QUAD POWER AND RELAY DRIVERS
logo
Sangdest Microelectroni...
FTB1F-15F SMC-FTB1F-15F Datasheet
161Kb / 5P
   Fast reverse recovery time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com