Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470L3224DT0-CA0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # M470L3224DT0-CA0
Description  256MB DDR SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L3224DT0-CA0 Datasheet(HTML) 4 Page - Samsung semiconductor

  M470L3224DT0-CA0 Datasheet HTML 1Page - Samsung semiconductor M470L3224DT0-CA0 Datasheet HTML 2Page - Samsung semiconductor M470L3224DT0-CA0 Datasheet HTML 3Page - Samsung semiconductor M470L3224DT0-CA0 Datasheet HTML 4Page - Samsung semiconductor M470L3224DT0-CA0 Datasheet HTML 5Page - Samsung semiconductor M470L3224DT0-CA0 Datasheet HTML 6Page - Samsung semiconductor M470L3224DT0-CA0 Datasheet HTML 7Page - Samsung semiconductor M470L3224DT0-CA0 Datasheet HTML 8Page - Samsung semiconductor M470L3224DT0-CA0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M470L3224DT0
Rev. 0.1 Jan. 2002
200pin DDR SDRAM SODIMM
S1
S0
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
D0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
LDQS
S
S
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
VSS
D0 - D7
VDD/VDDQ
D0 - D7
D0 - D7
VREF
VDDSPD
SPD
Clock Wiring
Clock
Input
SDRAMs
CK0/CK0
CK1/CK1
CK2/CK2
4 SDRAMs
4 SDRAMs
NC
LDM
LDQS
LDM
DQS0
DM0
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
D4
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
I/0 15
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
UDQS
UDM
UDQS
UDM
DQS1
DM1
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
I/0 15
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
D2
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
LDQS
S
S
LDM
LDQS
LDM
DQS4
DM4
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
D6
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
I/0 15
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
UDQS
UDM
UDQS
UDM
DQS5
DM5
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
I/0 15
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
D1
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
LDQS
S
S
LDM
LDQS
LDM
DQS2
DM2
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
D5
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
I/0 15
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
UDQS
UDM
UDQS
UDM
DQS3
DM3
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
I/0 15
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
D3
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
LDQS
S
S
LDM
LDQS
LDM
DQS6
DM6
I/0 0
I/0 1
I/0 2
I/0 3
I/0 4
I/0 5
I/0 6
I/0 7
D7
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
I/0 15
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
UDQS
UDM
UDQS
UDM
DQS7
DM7
I/0 8
I/0 9
I/0 10
I/0 11
I/0 12
I/0 13
I/0 14
I/0 15
*Clock Net Wiring
Card
Edge
Dram1
Dram2
R=120
± 5%
CK
CK
Dram3
Dram4
A0 - A13
A0-A13: DDR SDRAMs D0 - D7
BA0 - BA1
BA0-BA1: DDR SDRAMs D0 - D7
RAS
RAS: SDRAMs D0 - D7
CAS
CAS: SDRAMs D0 - D7
CKE0
CKE: SDRAMs D0 - D3
WE
WE: SDRAMs D0 - D7
CKE1
CKE: SDRAMs D4 - D7
Notes:
1. DQ-to-I/O wiring is shown as recom-
mended but may be changed.
2. DQ/DQS/DM/CKE/CS relationships must
be maintained as shown.
3. DQ, DQS, DM/DQS resistors: 22 Ohms.
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - M470L3224DT0-CA0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224BTO SAMSUNG-M470L3224BTO Datasheet
131Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224FT0 SAMSUNG-M470L3224FT0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L3224FT0-CA2 SAMSUNG-M470L3224FT0-CA2 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L3224FT0-CB0 SAMSUNG-M470L3224FT0-CB0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
More results

Similar Description - M470L3224DT0-CA0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
DS_M368L3223DTL SAMSUNG-DS_M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M470L3223DT0 SAMSUNG-M470L3223DT0 Datasheet
171Kb / 16P
   256MB DDR SDRAM MODULE
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224BTO SAMSUNG-M470L3224BTO Datasheet
131Kb / 14P
   256MB DDR SDRAM MODULE
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com