Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4822ETP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4822ETP
Description  3.3V/5V, 8-Channel Relay Drivers with Fast Recovery Time and Power-Save Mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4822ETP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4822ETP Datasheet HTML 7Page - Maxim Integrated Products MAX4822ETP Datasheet HTML 8Page - Maxim Integrated Products MAX4822ETP Datasheet HTML 9Page - Maxim Integrated Products MAX4822ETP Datasheet HTML 10Page - Maxim Integrated Products MAX4822ETP Datasheet HTML 11Page - Maxim Integrated Products MAX4822ETP Datasheet HTML 12Page - Maxim Integrated Products MAX4822ETP Datasheet HTML 13Page - Maxim Integrated Products MAX4822ETP Datasheet HTML 14Page - Maxim Integrated Products MAX4822ETP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
the MAX4823 device. If the address A0…….A7 is not
00h or 01h, then the outputs and the PSAVE configura-
tion register are not updated. The address is stored in
the shift register only.
While CS is low, the OUT_ outputs always remain in their
previous state. For the MAX4823, drive CS high after 8
bits of data have been shifted in to update the output
state of the MAX4823, and to further inhibit data from
entering the shift register. For the MAX4822, drive CS high
after 16 bits of data have been shifted in to update the
output state of the MAX4822, and to further inhibit data
from entering the shift register. When CS is high, transi-
tions at DIN and SCLK have no effect on the output, and
the first input bit A7 (or D7) is present at DOUT.
For the MAX4822, if the number of data bits entered
while CS is low is greater or less than 16, the shift regis-
ter contains only the last 16 bits, regardless of when
they were entered. For the MAX4823, if the number of
data bits entered while CS is low is greater or less than
8, the shift register contains only the last 8 data bits,
regardless of when they were entered.
Parallel Interface (MAX4824/MAX4825)
The parallel interface consists of 3 address bits (A0,
A1, A2) and one level selector bit (LVL). The address
bits determine which output is updated, and the level
bit determines whether the addressed output is
switched on (LVL = high) or off (LVL = low). When CS is
high, the address and level bits have no effect on the
state of the outputs. Driving CS from low to high latches
+3.3V/+5V, 8-Channel Relay Drivers with Fast
Recovery Time and Power-Save Mode
______________________________________________________________________________________
11
SCLK
DIN
DOUT
tCSS
tCL
tCH
tCSW
tCSH
tDO
tON,
tOFF
tDS
tDH
D7
D6
D1
D0
CS
OUT_
Figure 4. 3-Wire Serial-Interface Timing Diagram
A2
A1
A0
OUTPUT
Low
Low
Low
OUT1
Low
Low
High
OUT2
Low
High
Low
OUT3
Low
High
High
OUT4
High
Low
Low
OUT5
High
Low
High
OUT6
High
High
Low
OUT7
High
High
High
OUT8
Figure 3. Register Address Map for MAX4824/MAX4825
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
Note: Setting DN to logic 1 turns on output OUTN+1. Setting
DN to logic 0 turns off output OUTN+1.
Example: Setting the D2 = 1 turns OUT3 on.
Figure 2. 8-Bit Register Map for MAX4823


Similar Part No. - MAX4822ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820 MAXIM-MAX4820 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820ETP MAXIM-MAX4820ETP Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820ETP MAXIM-MAX4820ETP Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
More results

Similar Description - MAX4822ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
logo
Kingston Technology Far...
SMS200S360G KINGSTON-SMS200S360G Datasheet
524Kb / 2P
   Save space, time and money.
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
List of Unclassifed Man...
UHD-400 ETC1-UHD-400 Datasheet
1Mb / 12P
   POWER AND RELAY DRIVERS
UHP-400 ETC2-UHP-400 Datasheet
2Mb / 128P
   QUAD POWER AND RELAY DRIVERS
logo
Sangdest Microelectroni...
FTB1F-15F SMC-FTB1F-15F Datasheet
161Kb / 5P
   Fast reverse recovery time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com