Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470L3224DT0-CB0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M470L3224DT0-CB0
Description  256MB DDR SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L3224DT0-CB0 Datasheet(HTML) 5 Page - Samsung semiconductor

  M470L3224DT0-CB0 Datasheet HTML 1Page - Samsung semiconductor M470L3224DT0-CB0 Datasheet HTML 2Page - Samsung semiconductor M470L3224DT0-CB0 Datasheet HTML 3Page - Samsung semiconductor M470L3224DT0-CB0 Datasheet HTML 4Page - Samsung semiconductor M470L3224DT0-CB0 Datasheet HTML 5Page - Samsung semiconductor M470L3224DT0-CB0 Datasheet HTML 6Page - Samsung semiconductor M470L3224DT0-CB0 Datasheet HTML 7Page - Samsung semiconductor M470L3224DT0-CB0 Datasheet HTML 8Page - Samsung semiconductor M470L3224DT0-CB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M470L3224DT0
Rev. 0.1 Jan. 2002
200pin DDR SDRAM SODIMM
POWER & DC OPERATING CONDITIONS (SSTL_2 In/Out)
Notes 1. Includes
± 25mV margin for DC offset on VREF, and a combined total of ± 50mV margin for all AC noise and DC offset on VREF,
bandwidth limited to 20MHz. The DRAM must accommodate DRAM current spikes on VREF and internal DRAM noise coupled
TO VREF, both of which may result in VREF noise. VREF should be de-coupled with an inductance of
≤ 3nH.
2.VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to
VREF, and must track variations in the DC level of VREF
3. VID is the magnitude of the difference between the input level on CK and the input level on CK.
4. These parameters should be tested at the pin on actual components and may be checked at either the pin or the pad in
simulation. The AC and DC input specifications are relative to a VREF envelop that has been bandwidth limited to 200MHZ.
5. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the dc level of the same.
6. These charactericteristics obey the SSTL-2 class II standards.
Recommended operating conditions(Voltage referenced to VSS=0V, TA=0 to 70
°C)
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage(for device with a nominal VDD of 2.5V)
VDD
2.3
2.7
I/O Supply voltage
VDDQ
2.3
2.7
V
I/O Reference voltage
VREF
VDDQ/2-50mV
VDDQ/2+50mV
V
1
I/O Termination voltage(system)
VTT
VREF-0.04
VREF+0.04
V
2
Input logic high voltage
VIH(DC)
VREF+0.15
VDDQ+0.3
V
4
Input logic low voltage
VIL(DC)
-0.3
VREF-0.15
V
4
Input Voltage Level, CK and CK inputs
VIN(DC)
-0.3
VDDQ+0.3
V
Input Differential Voltage, CK and CK inputs
VID(DC)
0.3
VDDQ+0.6
V
3
Input crossing point voltage, CK and CK inputs
VIX(DC)
1.15
1.35
V
5
Input leakage current
II
-2
2
uA
Output leakage current
IOZ
-5
5
uA
Output High Current(Normal strengh driver)
;VOUT = VTT + 0.84V
IOH
-16.8
mA
Output High Current(Normal strengh driver)
;VOUT = VTT - 0.84V
IOL
16.8
mA
Output High Current(Half strengh driver)
;VOUT = VTT + 0.45V
IOH
-9
mA
Output High Current(Half strengh driver)
;VOUT = VTT - 0.45V
IOL
9
mA
Note : Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD & VDDQ supply relative to VSS
VDD, VDDQ
-1.0 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
12
W
Short circuit current
IOS
50
mA
Absolute Maximum Rate


Similar Part No. - M470L3224DT0-CB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224BTO SAMSUNG-M470L3224BTO Datasheet
131Kb / 14P
   256MB DDR SDRAM MODULE
M470L3224FT0 SAMSUNG-M470L3224FT0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L3224FT0-CA2 SAMSUNG-M470L3224FT0-CA2 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
M470L3224FT0-CB0 SAMSUNG-M470L3224FT0-CB0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
More results

Similar Description - M470L3224DT0-CB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
DS_M368L3223DTL SAMSUNG-DS_M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M470L3223DT0 SAMSUNG-M470L3223DT0 Datasheet
171Kb / 16P
   256MB DDR SDRAM MODULE
M368L3223DTL SAMSUNG-M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224BTO SAMSUNG-M470L3224BTO Datasheet
131Kb / 14P
   256MB DDR SDRAM MODULE
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
H5DU2562GTR HYNIX-H5DU2562GTR Datasheet
381Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com