Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC25C25 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC25C25
Description  BICMOS PWM CONTROLLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC25C25 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC25C25 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC25C25 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC25C25 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC25C25 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC25C25 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC25C25 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC25C25 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-113
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for – 40
°C < TA <
+85
°C for the TC25C25Exx; and 0°C <TA < +70°C for the TC35C25Cxx;
VIN and VDD = 16V; RT = 3.7kΩ; CT = 1000 pF; RD = 760 Ω.
Parameter
Test Conditions
Min
Typ
Max
Units
Supply Voltage Rejection
VIN = 8V to 18V
90
120
dB
Slew Rate
CLOAD = 50pF, ACL = 1
1
V/
µsec
V(EA+) = 1V to 3V Pulse, (Note 1)
Threshold Hysteresis
0.6
0.8
1
V
Total Standby Current
Supply Current
1.2
2.5
mA
Start-Up Current
250
350
µA
PWM Comparator
Min. Duty Cycle
Note 1, TJ = 25°C—
0
%
Max Duty Cycle
TJ = 25°C, fOSC = 100kHz, (Note 1)
45
49
%
Input Threshold
V(CT) = 0.6V
0.5
0.6
0.7
V
Input Threshold
V(CT) = 3.6V
3.4
3.6
3.7
V
Input Bias Current
Note 1, TJ = 25°C—
±1
µA
Soft Start Section
Soft Start Current
VSHUTDOWN = 0V
30
46
75
µA
Soft Start Voltage
VSHUTDOWN = 3V
30
100
mV
Shutdown Input Current
VSHUTDOWN = 3V
±1
±100
nA
Min Shutdown Pulse Width
VSHUTDOWN = 5V, (Note 1)
20
40
nsec
Shutdown Delay
VSHUTDOWN = 5V, (Note 1)
130
140
220
nsec
Shutdown Threshold
1.5
2.4
3
V
Output Drivers (each output)
Output Low Level RDS (ON)
ISINK = 20mA
13
25
Output High Level RDS (ON)
ISOURCE = 20mA
20
35
Rise Time
CL = 1nF, (Note 1)
55
80
nsec
Fall Time
CL = 1nF, (Note 1)
40
65
nsec
Power Supply
Supply Current
fOSC = 100kHz
2
3
mA
UV Lockout Threshold
6.45
7
7.3
V
UV Lockout Hysteresis
1.7
2.2
2.5
V
Start-up Current
75
200
µA
NOTE:
1. Not Tested.
TelCom Semiconductor reserves the right to make changes in the circuitry or specifications detailed in this manual at any time without notice. Minimums
and maximums are guaranteed. All other specifications are intended as guidelines only. TelCom Semiconductor assumes no responsibility for the use of
any circuits described herein and makes no representations that they are free from patent infringement.
BICMOS PWM CONTROLLERS
TC25C25
TC35C25


Similar Part No. - TC25C25

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
TC2500 WTE-TC2500 Datasheet
23Kb / 2P
   25A 5/16 TIN CAN TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500_06 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500_14 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
More results

Similar Description - TC25C25

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
List of Unclassifed Man...
SG3842G ETC-SG3842G Datasheet
394Kb / 19P
   BiCMOS Green-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com