Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP6534 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # XP6534
Description  Silicon NPN epitaxial planer transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XP6534 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XP6534 Datasheet HTML 1Page - Panasonic Semiconductor XP6534 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Composite Transistors
XP6534
PT — Ta
IC — VCE
IC — IB
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Zrb — IE
Cre — VCE
0
0
4
8
12
16
12
10
8
6
4
2
Collector to emitter voltage VCE (V)
Ta=25˚C
IB=100
µA
80
µA
60
µA
40
µA
20
µA
0
0
40
80
120
160
12
10
8
6
4
2
Base current IB (
µA)
VCE=6V
Ta=25˚C
0
0
2.0
1.6
1.2
0.8
0.4
30
25
20
15
10
5
Base to emitter voltage VBE (V)
VCE=6V
Ta=75˚C
– 25˚C
25˚C
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
0.1
0.3
360
300
240
180
120
60
1
3
10
30
100
Collector current IC (mA)
VCE=6V
Ta=75˚C
25˚C
– 25˚C
–0.1 –0.3
–1
–3
–10
–30
–100
Emitter current IE (mA)
0
1200
1000
800
600
400
200
VCB=6V
Ta=25˚C
0.1
0.3
1
3
10
30
100
0
2.4
2.0
1.6
1.2
0.8
0.4
Collector to emitter voltage VCE (V)
IC=1mA
f=10.7MHz
Ta=25˚C
– 0.1
– 0.3
–1
– 3
–10
Emitter current IE (mA)
0
120
100
80
60
40
20
VCB=6V
f=2MHz
Ta=25˚C
0
50
100
150
200
250
020
40
80
60
140
120
100
160
Ambient temperature Ta (˚C)


Similar Part No. - XP6534

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP6534 PANASONIC-XP6534 Datasheet
78Kb / 3P
   Silicon NPN epitaxial planar type
More results

Similar Description - XP6534

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com