Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SHD117122 Datasheet(PDF) 1 Page - Sensitron

Part No. SHD117122
Description  HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

   
 1 page
background image
SHD117122(P/N)
SHD117122(P/N)A
SHD117122(P/N)B
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4571, REV. –
HERMETIC POWER SCHOTTKY RECTIFIER
Low Forward Voltage Drop
Add Suffix "S" to Part Number for S-100 Screening.
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Ultra low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
DESCRIPTION: A 45-VOLT, 15 AMP DUAL POWER SCHOTTKY RECTIFIER IN A HERMETIC SHD-4/4A/4B
PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
45
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
15
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t=8.3ms, Sine)
IFSM
140
Amps
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
RθJC
0.85
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE
Top/Tstg
-65 to
+ 175
°C
MAXIMUM STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 175
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 7.5 Amps)
TJ = 25 °C
TJ = 125 °C
Vf
0.64
0.57
Volts
MAXIMUM REVERSE CURRENT (Ir @ 45V PIV)
TJ = 25 °C
TJ = 125 °C
Ir
0.2
7.5
mA
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
400
pF
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SHD115546HERMETIC POWER SCHOTTKY RECTIFIER 200°C Maximum Operation Temperature Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD116146HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop 1 2 3 Sensitron
SHD117236HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop 1 2 3 Sensitron
SHD119512HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD114612HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop 1 2 3 Sensitron
SHD116168HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD117268HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop 1 2 3 Sensitron
SHD118412HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD117011HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron
SHD115422HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop 1 2 3 Sensitron

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl