Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T4258-ILQ Datasheet(PDF) 9 Page - ATMEL Corporation

Part # T4258-ILQ
Description  AM/FM Receiver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T4258-ILQ Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button T4258-ILQ Datasheet HTML 5Page - ATMEL Corporation T4258-ILQ Datasheet HTML 6Page - ATMEL Corporation T4258-ILQ Datasheet HTML 7Page - ATMEL Corporation T4258-ILQ Datasheet HTML 8Page - ATMEL Corporation T4258-ILQ Datasheet HTML 9Page - ATMEL Corporation T4258-ILQ Datasheet HTML 10Page - ATMEL Corporation T4258-ILQ Datasheet HTML 11Page - ATMEL Corporation T4258-ILQ Datasheet HTML 12Page - ATMEL Corporation T4258-ILQ Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
T4258
Rev. A1, 10-Jan-01
9 (17)
Pulse Diagram
8-bit command
EN
CLK
DATA
LSB
MSB
BYTE 1
24-bit command
16-bit command
DATA
CLK
LSB
LSB
MSB
MSB
BYTE 1
BYTE 2
EN
EN
CLK
DATA
LSB
LSB
MSB
MSB
BYTE 3
BYTE 2
MSB
LSB
BYTE 1
EN
Figure 4. Pulse diagram
Bus Control
The operating mode is set by the bits 92 and 93
AM/ FM/ Weather Channel
Bit 93
Bit 92
Standby
0
0
FM
0
1
AM
1
0
Weather band
1
1
The bits 89 to 91 control the gain of the FM IF amplifier
Gain FM-IF
Bit 91
Bit 90
Bit 89
19 dB
0
0
0
21 dB
0
0
1
23 dB
0
1
0
25 dB
0
1
1
27 dB
1
0
0
28 dB
1
0
1
29 dB
1
1
0
30 dB
1
1
1
Bit 88 switches the search mode on/off
Station search
Bit 88
Receive
0
Search
1
Bits 85 to 87 select the the search-stop deviation from the
center frequency ans AM noiseblanker sensitivity
AM Noise-
blanker
Sensitivity
Search-
stop
window +
Bit 87
Bit 86
Bit 85
Low
0.5 kHz
0
0
0
1.1 kHz
0
0
1
2.3 kHz
0
1
0
Normal
4.8 kHz
0
1
1
10 kHz
1
0
0
20 kHz
1
0
1
40 kHz
1
1
0
High
80 kHz
1
1
1


Similar Part No. - T4258-ILQ

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T42-100FR MACOM-T42-100FR Datasheet
48Kb / 1P
   CABLE BREAKOUT BOOTS, THREE ENTRY
logo
Infineon Technologies A...
T42.14K0 INFINEON-T42.14K0 Datasheet
81Kb / 2P
   Gate leads for MP disc devices Zubehör Date
2013-10-01 Revision: 3.1
T420N INFINEON-T420N Datasheet
245Kb / 10P
   Netz-Thyristor Phase Control Thyristor
2009-12-16 revision:3.1
logo
E-SWITCH
T421000 E-SWITCH-T421000 Datasheet
38Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T421001 E-SWITCH-T421001 Datasheet
26Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T4258-ILQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4258 ATMEL-ATR4258_05 Datasheet
665Kb / 38P
   AM/FM Receiver IC
ATR4258 ATMEL-ATR4258 Datasheet
414Kb / 38P
   AM/FM RECEIVER IC
ATR4255 ATMEL-ATR4255 Datasheet
373Kb / 32P
   AM/FM RECEIVER IC
U4255BM-M ATMEL-U4255BM-M Datasheet
287Kb / 32P
   AM / FM RECEIVER IC
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
logo
Integral Corp.
ILA1238NS INTEGRAL-ILA1238NS Datasheet
234Kb / 8P
   AM/FM MONO RECEIVER
logo
Silan Microelectronics ...
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
   AM/FM RADIO RECEIVER
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com