Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMF128K8-150FEM5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WMF128K8-150FEM5
Description  128Kx8 MONOLITHIC FLASH, SMD 5962-96690
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMF128K8-150FEM5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WMF128K8-150FEM5 Datasheet HTML 1Page - List of Unclassifed Manufacturers WMF128K8-150FEM5 Datasheet HTML 2Page - List of Unclassifed Manufacturers WMF128K8-150FEM5 Datasheet HTML 3Page - List of Unclassifed Manufacturers WMF128K8-150FEM5 Datasheet HTML 4Page - List of Unclassifed Manufacturers WMF128K8-150FEM5 Datasheet HTML 5Page - List of Unclassifed Manufacturers WMF128K8-150FEM5 Datasheet HTML 6Page - List of Unclassifed Manufacturers WMF128K8-150FEM5 Datasheet HTML 7Page - List of Unclassifed Manufacturers WMF128K8-150FEM5 Datasheet HTML 8Page - List of Unclassifed Manufacturers WMF128K8-150FEM5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WMF128K8-XXX5
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, WE CONTROLLED
(VCC = 5.0V, VSS = 0V, TA = -55
°C to +125°C)
Parameter
Symbol
-50
-60
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
50
60
70
90
120
150
ns
Chip Select Setup Time
tELWL
tCS
00
0
0
0
0
ns
Write Enable Pulse Width
tWLWH
tWP
25
30
35
45
50
50
ns
Address Setup Time
tAVWL
tAS
00
0
0
0
0
ns
Data Setup Time
tDVWH
tDS
25
30
30
45
50
50
ns
Data Hold Time
tWHDX
tDH
00
0
0
0
0
ns
Address Hold Time
tWLAX
tAH
40
45
45
45
50
50
ns
Chip Select Hold Time
tWHEH
tCH
00
0
0
0
0
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
20
20
20
20
ns
Duration of Byte Programming Operation (min) tWHWH1
14
14
14
14
14
14
µs
Sector Erase Time
tWHWH2
2.2
60
2.2
60
2.2
60
2.2
60
2.2
60
2.2
60
sec
Read Recovery Time Before Write
tGHWL
00
0
0
0
0
ns
VCC Setup Time
tVCS
50
50
50
50
50
50
µs
Chip Programming Time
12.5
12.5
12.5
12.5
12.5
12.5
sec
Output Enable Setup Time
tOES
00
0
0
0
0
ns
Output Enable Hold Time (1)
tOEH
10
10
10
10
10
10
ns
1. For Toggle and Data Polling.
Parameter
Symbol
-50
-60
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
50
60
70
90
120
150
ns
Address Access Time
tAVQV
tACC
50
60
70
90
120
150
ns
Chip Select Access Time
tELQV
tCE
50
60
70
90
120
150
ns
OE to Output Valid
tGLQV
tOE
25
30
35
40
50
55
ns
Chip Select to Output High Z (1)
tEHQZ
tDF
20
20
20
25
30
35
ns
OE High to Output High Z (1)
tGHQZ
tDF
20
20
20
25
30
35
ns
Output Hold from Address, CS or OE Change,
tAXQX
tOH
00
0
0
0
0
ns
whichever is first
1. Guaranteed by design, not tested.
AC CHARACTERISTICS – READ ONLY OPERATIONS
(VCC = 5.0V, VSS = 0V, TA = -55
°C to +125°C)


Similar Part No. - WMF128K8-150FEM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMF128K8-150FEM5 WEDC-WMF128K8-150FEM5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WMF128K8-150FEM5A WEDC-WMF128K8-150FEM5A Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
More results

Similar Description - WMF128K8-150FEM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com