Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT1826-533-055-D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKT1826-533-055-D
Description  Metallized Polyester Film Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1826-533-055-D Datasheet(HTML) 1 Page - Vishay Siliconix

  MKT1826-533-055-D Datasheet HTML 1Page - Vishay Siliconix MKT1826-533-055-D Datasheet HTML 2Page - Vishay Siliconix MKT1826-533-055-D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
54
MKT 1826
Vishay Roederstein
Document Number 26007
Revision 11-Jun-02
For technical questions, contact dc-film@vishay.com
MAIN APPLICATIONS:
Blocking, bypassing, filtering and timing, high frequency
coupling and decoupling of fast digital circuits.
Interference suppression in low voltage applications. High
pulse load. High temperature operations.
MARKING:
Manufacturer's logo/type/C-value/rated voltage/tolerance/
date of manufacture
DIELECTRIC:
Polyester film
ELECTRODES:
Vacuum deposited aluminum
COATING:
Flame retardant plastic case (UL-class 94 V-0), green,
epoxy resin sealed
CONSTRUCTION:
Stacked metallized polyester film
LEADS:
Tinned wire
IEC TEST CLASSIFICATION:
55/125/56, according to IEC 60068
55/100/21 (for 4.7
µF/40 VDC)
OPERATING TEMPERATURE RANGE:
- 55
°C to + 125°C
- 55
°C to + 100°C (for 4.7µF/40 VDC)
CAPACITANCE RANGE:
1000pF to 4.7
µF
CAPACITANCE TOLERANCES:
± 20% (M), ± 10% (K), ± 5% (J)
RATED VOLTAGES (UR):
40 VDC, 50 VDC, 63 VDC, 100 VDC, 250 VDC
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz:
25 VAC, 30 VAC, 40 VAC, 63 VAC, 160 VAC
TEST VOLTAGE (ELECTRODE/ELECTRODE):
1.6 x UR for 2 sec.
INSULATION RESISTANCE:
Measured at 100 VDC (50 VDC and 63 VDC series
measured at 50 VDC) after one minute
For C
0.33µF and U
R > 100 VDC:
30,000 M
Ω minimum value (100,000 MΩ typical value)
For C
0.33µF and U
R 100 VDC:
15,000 M
Ω minimum value (100,000 MΩ typical value)
Metallized Polyester Film Capacitor
Quality Assessment: IEC 60384-2, CECC 30 401-059
TIME CONSTANT:
Measured at 100 VDC (50 VDC and 63 VDC series
measured at 50 VDC, 40 VDC measured with UR) after
one minute
For 0.33
µF < C 3.3µF and U
R 100 VDC:
5000 s minimum value (15,000 s typical value)
For C > 3.3
µF and U
R 100 VDC:
1250 s minimum value (10,000 s typical value)
CAPACITANCE DRIFT:
Up to + 40
°C, ± 1.5% for a period of two years
DERATING FOR DC AND AC.
CATEGORY VOLTAGE UC:
At + 85
°C: U
C = 1.0 UR
At + 100
°C: U
C = 0.8 UR
At + 125
°C: U
C = 0.5 UR (maximum 1000 h)
SELF INDUCTANCE:
~ 6 nH measured with 2mm long leads
PULL TEST ON LEADS:
≥ 30 N in direction of leads according to IEC 60068-2-21
RELIABILITY:
Operational life > 300,000 h
Failure rate < 2 FIT (40
°C and 0.5 x U
R)
For further details, please refer to the general information
provided in this catalog.
Dimensions in millimeters
H
Max.
W
Max.
Marking
6.0-1
± 0.4
L
Max.
Ø 0.5
pcm
5.0
± 0.4
0.5
± 0.1
If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted.
MAXIMUM PULSE RISE TIME
(mm)
40 VDC
50 VDC
63 VDC
100 VDC
250 VDC
5.0
120
160
200
240
350
Maximum pulse rise time dv /dt [V/µs]
PCM


Similar Part No. - MKT1826-533-055-D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1820 VISHAY-MKT1820 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1820 VISHAY-MKT1820 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-410 VISHAY-MKT1820-410 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1820-410/405-G VISHAY-MKT1820-410/405-G Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-410/405-W VISHAY-MKT1820-410/405-W Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
More results

Similar Description - MKT1826-533-055-D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com