Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMF128K8-60DEM5 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # WMF128K8-60DEM5
Description  128Kx8 MONOLITHIC FLASH, SMD 5962-96690
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMF128K8-60DEM5 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button WMF128K8-60DEM5 Datasheet HTML 6Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 7Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 8Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 9Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 10Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 11Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 12Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 13Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
PACKAGE 300: 32 PIN, CERAMIC DIP, SINGLE CAVITY SIDE BRAZED
2.5 (0.100)
TYP
1.27 (0.050)
± 0.1 (0.005)
0.46 (0.018)
± 0.05 (0.002)
0.99 (0.039)
± 0.51 (0.020)
3.2 (0.125) MIN
0.25 (0.010)
± 0.05 (0.002)
15.25 (0.600)
± 0.25 (0.010)
42.8 (1.686) MAX
5.13 (0.202) MAX
PIN 1 IDENTIFIER
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
PACKAGE 221: 32 LEAD, FORMED CERAMIC FLATPACK
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
10.41 (0.410)
± 0.13 (0.005)
1.27 (0.050) TYP
19.05 (0.750) TYP
1.52 (0.060) TYP
0.43 (0.017)
± 0.05 (0.002)
20.83 (0.820)
± 0.25 (0.010)
3.35 (0.132)
MAX
1.27 (0.050) TYP
0.15 (0.006)
TYP
0
° / -4°
0.63 (0.025) TYP
+
+
13.47 (0.530)
± 0.13 (0.005)
WMF128K8-XXX5


Similar Part No. - WMF128K8-60DEM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMF128K8-60DEM5 WEDC-WMF128K8-60DEM5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WMF128K8-60DEM5A WEDC-WMF128K8-60DEM5A Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
More results

Similar Description - WMF128K8-60DEM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com