Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPT2060A Datasheet(PDF) 4 Page - International Rectifier

Part # IRPT2060A
Description  Power Module for 3 hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT2060A Datasheet(HTML) 4 Page - International Rectifier

  IRPT2060A Datasheet HTML 1Page - International Rectifier IRPT2060A Datasheet HTML 2Page - International Rectifier IRPT2060A Datasheet HTML 3Page - International Rectifier IRPT2060A Datasheet HTML 4Page - International Rectifier IRPT2060A Datasheet HTML 5Page - International Rectifier IRPT2060A Datasheet HTML 6Page - International Rectifier IRPT2060A Datasheet HTML 7Page - International Rectifier IRPT2060A Datasheet HTML 8Page - International Rectifier IRPT2060A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
page4
IRPT2060A
Power
100%
Power
150%
RthSA 100% Load Continuous
10-60 Hz
RthSA 150% Load (1 min.)
Down to 3 Hz
2 hp
(1.5 kW)
PWM Frequency (kHz) – (Induction Motor Load)
RthSA 150% Load
(1 min.)10-60 Hz
Power
100%
Power
120%
RthSA 120% Load
(1 min.)10-60 Hz
RthSA 100% Load Continuous
10-60 Hz
PWM Frequency (kHz) – (Induction Motor Load)
RthSA 120% Load (1 min.)
Down to 3 Hz
3 hp
(2.2 kW)
Figure 4a. 3 hp/11A Output Heat Sink Thermal Resistance and Power Dissipation vs. PWM Frequency
Figure 4b. 2 hp/8A Output Heat Sink Thermal Resistance and Power Dissipation vs. PWM Frequency
NOTE: For Figures 4a and 4b: Operating Conditions: Vin = 230Vrms, MI =1.15, PF = 0.8, TA = 40°C, Tj < 145°C, Ts < 95°C, ZthSA limits ∆Tc
during 1 minute overload to 10
°C


Similar Part No. - IRPT2060A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
IRPT2062A IRF-IRPT2062A Datasheet
260Kb / 12P
   Power Module for 3 hp Motor Drives
More results

Similar Description - IRPT2060A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2062A IRF-IRPT2062A Datasheet
260Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
   Power Module for 5 hp Motor Drives
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
   Power Module for 0.75 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
IRPT1061A IRF-IRPT1061A Datasheet
256Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1053A IRF-IRPT1053A Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1059A IRF-IRPT1059A Datasheet
245Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1065A IRF-IRPT1065A Datasheet
206Kb / 12P
   Power Module for 1 hp Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com