Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHG567110 Datasheet(PDF) 4 Page - International Rectifier

Part # IRHG567110
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE 100V, Combination 2N-2P-CHANNEL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHG567110 Datasheet(HTML) 4 Page - International Rectifier

  IRHG567110 Datasheet HTML 1Page - International Rectifier IRHG567110 Datasheet HTML 2Page - International Rectifier IRHG567110 Datasheet HTML 3Page - International Rectifier IRHG567110 Datasheet HTML 4Page - International Rectifier IRHG567110 Datasheet HTML 5Page - International Rectifier IRHG567110 Datasheet HTML 6Page - International Rectifier IRHG567110 Datasheet HTML 7Page - International Rectifier IRHG567110 Datasheet HTML 8Page - International Rectifier IRHG567110 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IRHG567110
Pre-Irradiation
4
www.irf.com
Table 1. Electrical Characteristics For Each N-Channel Device @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
100KRads(Si)1
300K Rads (Si)2
Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
100
100
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
2.0
4.0
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
10
10
µA
VDS= 80V, VGS =0V
RDS(on)
Static Drain-to-Source
0.226
0.246
VGS = 12V, ID = 1.0A
On-State Resistance (TO-39)
RDS(on)
Static Drain-to-Source
0.29
0.31
VGS = 12V, ID = 1.0A
On-State Resistance (MO-036AB)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-39 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
1. Part number IRHG567110
2. Part number IRHG563110
VSD
Diode Forward Voltage
1.2
1.2
V
VGS = 0V, IS =1.6A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Radiation Characteristics
Fig a. Single Event Effect, Safe Operating Area
Table 2. Single Event Effect Safe Operating Area (Per Die)
Ion
LET
Energy
Range
V
DS
(V)
MeV/(mg/cm2))
(MeV)
(µm) @V
GS
=0V @V
GS
=-5V @V
GS
=-10V @V
GS
=-12.5V @V
GS
=-15V
Br
36.7
309
39.5
100
100
100
100
100
I
59.8
341
32.5
100
100
100
90
25
@V
GS
=-20V
80
20
0
20
40
60
80
100
120
-20
-15
-10
-5
0
VGS
Br
I


Similar Part No. - IRHG567110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHG567110 IRF-IRHG567110 Datasheet
246Kb / 14P
   Simple Drive Requirements
IRHG567110 IRF-IRHG567110_15 Datasheet
246Kb / 14P
   Simple Drive Requirements
More results

Similar Description - IRHG567110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ567110 IRF-IRHQ567110 Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRFG5110 IRF-IRFG5110 Datasheet
394Kb / 12P
   100V, Combination 2N-2P-CHANNEL
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHG7214 IRF-IRHG7214 Datasheet
243Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57160 IRF-IRHM57160 Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRH7054 IRF-IRH7054 Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
JANSR2N7269 IRF-JANSR2N7269 Datasheet
264Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260SE IRF-IRHM57260SE Datasheet
96Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM57260 IRF-IRHM57260 Datasheet
99Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com