Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39182-B7806-A510 Datasheet(PDF) 3 Page - EPCOS

Part # B39182-B7806-A510
Description  Low-Loss Filter for Mobile Communication
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39182-B7806-A510 Datasheet(HTML) 3 Page - EPCOS

  B39182-B7806-A510 Datasheet HTML 1Page - EPCOS B39182-B7806-A510 Datasheet HTML 2Page - EPCOS B39182-B7806-A510 Datasheet HTML 3Page - EPCOS B39182-B7806-A510 Datasheet HTML 4Page - EPCOS B39182-B7806-A510 Datasheet HTML 5Page - EPCOS B39182-B7806-A510 Datasheet HTML 6Page - EPCOS B39182-B7806-A510 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
May 25, 2001
SAW Components
B7806
1765,00 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= +25 +- 2˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
1765,0
MHz
Maximum insertion attenuation
α
max
1750,0
...1780,0
MHz
2,7
3,0
dB
Amplitude ripple (p-p)
∆α
1750,0
...1780,0
MHz
0,8
1,0
dB
VSWR
1750,0
...1780,0
MHz
1,9
2,0
Attenuation
α
1350,0
...1380,0
MHz
26,0
28,0
dB
1660,0
...1690,0
MHz
22,0
23,0
dB
1840,0
...1870,0
MHz
(Rx)
30,0
34,0
dB
2150,0
...2180,0
MHz
27,0
29,0
dB


Similar Part No. - B39182-B7806-A510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39182-B7805-A510 EPCOS-B39182-B7805-A510 Datasheet
72Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 1842,50 MHz
More results

Similar Description - B39182-B7806-A510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4127 EPCOS-B4127 Datasheet
68Kb / 7P
   Low-Loss Filter for Mobile Communication
B7822 EPCOS-B7822 Datasheet
61Kb / 7P
   Low-Loss Filter for Mobile Communication
B7844 EPCOS-B7844 Datasheet
90Kb / 6P
   Low-Loss Filter for Mobile Communication
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
   Low-Loss Filter for Mobile Communication
B9015 EPCOS-B9015 Datasheet
72Kb / 6P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4126 ETC-B4126 Datasheet
49Kb / 4P
   Low Loss Filter for Mobile Communication
logo
EPCOS
B4133 EPCOS-B4133 Datasheet
70Kb / 6P
   Low-Loss Filter for Mobile Communication
B4166 EPCOS-B4166 Datasheet
77Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4168 ETC-B4168 Datasheet
85Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
EPCOS
B7834 EPCOS-B7834 Datasheet
67Kb / 6P
   Low-Loss Filter for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com