Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY22L-1SI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATTINY22L-1SI
Description  8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY22L-1SI Datasheet(HTML) 1 Page - ATMEL Corporation

  ATTINY22L-1SI Datasheet HTML 1Page - ATMEL Corporation ATTINY22L-1SI Datasheet HTML 2Page - ATMEL Corporation ATTINY22L-1SI Datasheet HTML 3Page - ATMEL Corporation ATTINY22L-1SI Datasheet HTML 4Page - ATMEL Corporation ATTINY22L-1SI Datasheet HTML 5Page - ATMEL Corporation ATTINY22L-1SI Datasheet HTML 6Page - ATMEL Corporation ATTINY22L-1SI Datasheet HTML 7Page - ATMEL Corporation ATTINY22L-1SI Datasheet HTML 8Page - ATMEL Corporation ATTINY22L-1SI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Features
Utilizes the AVR® RISC Architecture
AVR - High-performance and Low-power RISC Architecture
– 118 Powerful Instructions - Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Up to 1MIPS Throughput at 1MHz
Data and Nonvolatile Program Memory
– 2K Bytes of In-System Programmable Flash
Endurance 1,000 Write/Erase Cycles
– 128 Bytes of internal SRAM
– 128 Bytes of In-System Programmable EEPROM
Endurance: 100,000 Write/Erase Cycles
– Programming Lock for Flash Program and EEPROM Data Security
Peripheral Features
– One 8-bit Timer/Counter with Separate Prescaler
– Programmable Watchdog Timer with On-chip Oscillator
– SPI Serial Interface for In-System Programming
Special Microcontroller Features
– Low-power Idle and Power Down Modes
– External and Internal Interrupt Sources
– Power-on Reset Circuit
– On-chip RC Oscillator
Specifications
– Low-power, High-speed CMOS Process Technology
– Fully Static Operation
Power Consumption at 3V, 25°C
– Active: 1.5 mA
– Idle Mode: 100 µA
– Power Down Mode: <1 µA
I/O and Packages
– 5 Programmable I/O Lines
– 8-pin PDIP and SOIC
Operating Voltages
– 2.7 - 6.0V
Speed Grade
– Internal Oscillator ~1MHz @ 5.0V
Description
The ATtiny22L is a low-power CMOS 8-bit microcontroller based on the AVR RISC
architecture. By executing powerful instructions in a single clock cycle, the ATtiny22L
achieves throughputs approaching 1 MIPS per MHz allowing the system designer to
optimize power consumption versus processing speed.
The AVR core combines a rich instruction set with 32 general purpose working regis-
ters. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU),
Rev. 1273BS–02/00
8-bit
Microcontroller
with 2K Bytes of
In-System
Programmable
Flash
ATtiny22L
Preliminary
Pin Configuration
PDIP/SOIC
1
2
3
4
8
7
6
5
RESET
PB3
PB4
GND
VCC
PB2 (SCK/T0)
PB1 (MISO/INT0)
PB0 (MOSI)
Note: This is a summary document. For the complete 56-page
document, please visit our web site at www.atmel.com or e-mail at
literature@atmel.com and request literature #1273B.


Similar Part No. - ATTINY22L-1SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY22L-1SI ATMEL-ATTINY22L-1SI Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results

Similar Description - ATTINY22L-1SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313_02 Datasheet
1Mb / 92P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2323 ATMEL-AT90S2323 Datasheet
983Kb / 64P
   8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com