Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78ERD2 Datasheet(PDF) 11 Page - Winbond

Part # W78ERD2
Description  8-BIT MICROCONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78ERD2 Datasheet(HTML) 11 Page - Winbond

Back Button W78ERD2 Datasheet HTML 7Page - Winbond W78ERD2 Datasheet HTML 8Page - Winbond W78ERD2 Datasheet HTML 9Page - Winbond W78ERD2 Datasheet HTML 10Page - Winbond W78ERD2 Datasheet HTML 11Page - Winbond W78ERD2 Datasheet HTML 12Page - Winbond W78ERD2 Datasheet HTML 13Page - Winbond W78ERD2 Datasheet HTML 14Page - Winbond W78ERD2 Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
W78ERD2
Publication Release Date: April 20, 2005
- 11 -
Revision A4
Port 4.0 High Address Comparator
Bit:
7
6
5
4
3
2
1
0
P40AH.7 P40AH.6 P40AH.5 P40AH.4 P40AH.3 P40AH.2 P40AH.1 P40AH.0
Mnemonic: P40AH
Address: 85h
Port Option Register
Bit:
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
P0PH
Mnemonic: POPT
Address: 86h
BIT
NAME
FUNCTION
7
-
Reserve
6
-
Reserve
5
-
Reserve
4
-
Reserve
3
-
Reserve
2
-
Reserve
1
-
Reserve
0
P0PH
0: Disable Port 0 weak up.
1: Enable Port 0 weak up. The pins of Port 0 can be configured with either the
open drain or standard port with internal pull-up. By the default, Port 0 is an
open drain bi-directional I/O port. When the P0UP bit in the POPT register is
set, the pins of port 0 will perform a bi-directional I/O port with internal pull-up
that is structurally the same Port2.
Power Control
Bit:
7
6
5
4
3
2
1
0
SMOD SMOD0
-
POR
GF1
GF0
PD
IDL
Mnemonic: PCON
Address: 87h
BIT
NAME
FUNCTION
7
SMOD
1: This bit doubles the serial port baud rate in mode 1, 2, and 3.
6
SMOD0
0: Framing Error Detection Disable. SCON.7 acts as per the standard 8052
function.
1: Framing Error Detection Enable, then and SCON.7 indicates a Frame Error and
acts as the FE (FE_1) flag.


Similar Part No. - W78ERD2

ManufacturerPart #DatasheetDescription
logo
Winbond
W78ERD2 WINBOND-W78ERD2 Datasheet
636Kb / 76P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78ERD2 NUVOTON-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
logo
Winbond
W78ERD2A WINBOND-W78ERD2A Datasheet
636Kb / 76P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78ERD2A NUVOTON-W78ERD2A Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78ERD2

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com