Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD116222 Datasheet(PDF) 1 Page - Sensitron

Part # SHD116222
Description  SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD116222 Datasheet(HTML) 1 Page - Sensitron

  SHD116222 Datasheet HTML 1Page - Sensitron SHD116222 Datasheet HTML 2Page - Sensitron SHD116222 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 642, REV. A
Formerly part number SHD1162/A/B
SILICON SCHOTTKY RECTIFIER
Very Low Forward Voltage Drop
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Maximum Ratings
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
45
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
15
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
280
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 °C, IAS = 3.0 A,
L = 4.4 mH
20
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1 µs
ƒ limited by TJ max VA=1.5VR
3.0
A
Maximum Thermal Resistance
RθJC
(Junction to Mounting Surface,
Cathode)
.85
°C/W
Max. Junction Temperature
TJ
-
-65 to +175
°C
Max. Storage Temperature
Tstg
-
-65 to +175
°C
Electrical Characteristics
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 15A, Pulse, TJ = 25 °C
0.64
V
VF2
@ 15A, Pulse, TJ = 125 °C
0.57
V
Max. Reverse Current
IR1
@VR = 45V, Pulse,
TJ = 25 °C
400
µA
IR2
@VR = 45V, Pulse,
TJ = 125 °C
15
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
800
pF
SHD116222
SHD116222B


Similar Part No. - SHD116222

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD116223 SENSITRON-SHD116223 Datasheet
157Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD116223 SENSITRON-SHD116223 Datasheet
40Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 175 쨘C Operating Temperature
SHD116223B SENSITRON-SHD116223B Datasheet
157Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD116223B SENSITRON-SHD116223B Datasheet
40Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 175 쨘C Operating Temperature
SHD116223 SENSITRON-SHD116223_08 Datasheet
40Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 175 쨘C Operating Temperature
More results

Similar Description - SHD116222

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD125SD15A SENSITRON-SD125SD15A Datasheet
187Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD060SD15A SENSITRON-SD060SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD125SE45A SENSITRON-SD125SE45A Datasheet
187Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD125SE30A SENSITRON-SD125SE30A Datasheet
189Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD175SD15A SENSITRON-SD175SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD040SD15A SENSITRON-SD040SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD040SE45A SENSITRON-SD040SE45A Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD200SE45A SENSITRON-SD200SE45A Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD090SD15A SENSITRON-SD090SD15A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD175SE45A SENSITRON-SD175SE45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com