Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD116136B Datasheet(PDF) 1 Page - Sensitron

Part # SHD116136B
Description  ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD116136B Datasheet(HTML) 1 Page - Sensitron

  SHD116136B Datasheet HTML 1Page - Sensitron SHD116136B Datasheet HTML 2Page - Sensitron SHD116136B Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 331, REV. A
ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
Very Low Voltage Drop
DESCRIPTION: 200 VOLT, 7.5 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC SHD-1 OR -1B PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
200
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
7.5
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t = 8.3ms, Sine)
IFSM
140
Amps
MAXIMUM JUNCTION CAPACITANCE (Vr =5V) (per leg)
CT
150
pF
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
R
θJC
1.7
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE
Top
-65 to
+ 200
°C
MAXIMUM STORAGE TEMPERATURE RANGE
Tstg
-65 to
+ 175
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 7.5 Amps)
TJ = 25 °C
TJ = 125 °C
Vf
0.92
0.76
Volts
MAXIMUM REVERSE CURRENT (Ir @ 200V PIV)
TJ = 25 °C
TJ = 125 °C
Ir
0.008
0.5
mA
REVERSE RECOVERY TIME
trr
12
ns
SHD116136
SHD116136B


Similar Part No. - SHD116136B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD116136B SENSITRON-SHD116136B Datasheet
43Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
More results

Similar Description - SHD116136B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124536 SENSITRON-SHD124536_08 Datasheet
50Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124535 SENSITRON-SHD124535_11 Datasheet
69Kb / 2P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD126036 SENSITRON-SHD126036_08 Datasheet
58Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116136 SENSITRON-SHD116136_10 Datasheet
43Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116036 SENSITRON-SHD116036 Datasheet
157Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD118434 SENSITRON-SHD118434 Datasheet
94Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116036 SENSITRON-SHD116036_10 Datasheet
42Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD125236_0609 SENSITRON-SHD125236_0609 Datasheet
52Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116034 SENSITRON-SHD116034 Datasheet
157Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116134 SENSITRON-SHD116134 Datasheet
157Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com