Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2911N18 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GS2911N18
Description  300mA CMOS Positive LDO Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS2911N18 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GS2911N18 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2911N18 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2911N18 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2911N18 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2911N18 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2911N18 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2911N18 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2911N18 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2911N18 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GS2911
Globaltech Semiconductor
www.globaltechsemi.com
4
GS2911
Electrical Characteristics V
OUT(T) =2.5V (Note 1)
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Output voltages
VOUT (E)
(Note 2)
IOUT = 40mA
VIN = 3.5V
2.450
2.500
2.550
V
Maximum output current
IOUT max
VIN = 3.5V
VOUT(E) ≧ 2.25V
150
mA
Load stability
VOUT
VIN = 3.5V
1mA ≦IOUT ≦80mA
45
90
mV
Vdif
IOUT=80mA
180
360
mV
Input-Output
Voltage differential (Note 3)
IOUT=160mA
400
700
mV
Supply current
Iss
VIN = 3.5V
1.0
100
µA
Line regulation
VOUT
VIN * △VOUT
IOUT = 40mA
3.5V≦VIN≦10.0V
0.2
0.3
%/V
Input voltage
VIN
10
V
Output voltage
Temperature characteristics
VOUT
Topr * △VOUT
IOUT = 40mA
-40℃≦Topr≦85℃
±
100
ppm/℃
Electrical Characteristics V
OUT(T) =3.3 (Note 1)
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
Output voltages
VOUT (E)
(Note 2)
IOUT = 40mA
VIN = 4.3V
3.234
3.3
3.366
V
Maximum output current
IOUT max
VIN = 4.3V
VOUT(E) ≧ 2.97V
165
mA
Load stability
VOUT
VIN = 4.3V
1mA ≦IOUT ≦80mA
45
90
mV
Vdif
VIN = 4.3V
Input-Output
Voltage differential (Note 3)
IOUT=160mA
400
700
mV
Supply current
Iss
VIN = 4.3V
1.0
100
µA
Line regulation
VOUT
VIN * △VOUT
IOUT = 40mA
4.3V≦VIN≦10.0V
0.2
0.3
%/V
Input voltage
VIN
10
V
Output voltage
VOUT
IOUT = 40mA
±
100
ppm/℃


Similar Part No. - GS2911N18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X15 ETC1-GS2905X15 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X18 ETC1-GS2905X18 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X25 ETC1-GS2905X25 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X33 ETC1-GS2905X33 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
More results

Similar Description - GS2911N18

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com