Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CMQ1631-QH-0000 Datasheet(PDF) 1 Page - Mimix Broadband

Part # PB-CMQ1631-QH-0000
Description  13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CMQ1631-QH-0000 Datasheet(HTML) 1 Page - Mimix Broadband

  PB-CMQ1631-QH-0000 Datasheet HTML 1Page - Mimix Broadband PB-CMQ1631-QH-0000 Datasheet HTML 2Page - Mimix Broadband PB-CMQ1631-QH-0000 Datasheet HTML 3Page - Mimix Broadband PB-CMQ1631-QH-0000 Datasheet HTML 4Page - Mimix Broadband PB-CMQ1631-QH-0000 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2006 - Rev 30-Mar-06
13 - 18 GHz
0.5W QFN Plastic Packaged Power Amplifier
Page 1 of 5
Features
30 dBm Saturated Output Power Between 15.5~17.5 Ghz
21 dB (Typ) Linear Gain
Unconditionally Stable
Low Cost, Surface Mount Package
4mm x 4mm x 1.4mm
RoHS Compliant
7 V, 770 mA
Applications
Military Ku Band
VSAT
Point to Point Radio
Ku-Band Space
CMQ1631-QH
General Description
Electrical Characteristics
The CMQ1631-QH is a pHEMT power amplifier packaged in a 4X4 QFN plastic package. The CMQ1631-QH is self
contained with 50 ohm input and output matching. The CMQ1631-QH is unconditionally stable and the internal
matching allows for a reduction in external components making this product a simple and low cost solution. RoHS
compliance and standard surface mount package make it an ideal solution in all manufacturing environments. The
power amplifier is intended for use in the extended Ku-Band satellite applications.
Parameter
Symbol Min Typ Max Min Typ Max
Units
Operating Frequency
Drain Current
Drain Voltage
Gate Voltage (RF ON)
Linear Gain
Input/Outpu VSWR
Noise Figure
Saturated Output Power
Power @ 1dB Compression Gain
Gate Current
F
Id
Vd
Vg
S21
VSWR
NF
Psat
P1dB
Igs
GHz
mA
Volts
Volts
dB
dB
dB
dBm
dBm
mA
13
6
-2
-
700
7
-
20
2.0:1
6
28
27.5
0.5
14.5
-0.2
5
14.5
6
-2
-
700
7
-
21
2.0:1
6
30
29
0.5
17.5
8
-0.2
3:1
5
17.5
6
-2
-
700
7
-
21
6
29
28
0.5
18
8
-0.2
5
Min Typ Max


Similar Part No. - PB-CMQ1631-QH-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CMQ1631-QH-0000 MIMIX-PB-CMQ1631-QH-0000 Datasheet
779Kb / 7P
   13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
PB-CMQ1631-QH-0000 MIMIX-PB-CMQ1631-QH-0000 Datasheet
264Kb / 5P
   13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
More results

Similar Description - PB-CMQ1631-QH-0000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMQ1631-QH MIMIX-CMQ1631-QH_07 Datasheet
264Kb / 5P
   13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH MIMIX-CMQ1332-QH Datasheet
554Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1432-QH MIMIX-CMQ1432-QH_08 Datasheet
776Kb / 7P
   13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH MIMIX-CMQ1332-QH_07 Datasheet
580Kb / 5P
   12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1432-QH MIMIX-CMQ1432-QH Datasheet
779Kb / 7P
   13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
logo
Qorvo, Inc
TGA2514N-FL QORVO-TGA2514N-FL Datasheet
535Kb / 10P
   13 ??18 GHz Power Amplifier
logo
Filtronic Compound Semi...
LP6872P100 FILTRONIC-LP6872P100 Datasheet
23Kb / 2P
   Packaged 0.5W Power PHEMT
FPD750P100 FILTRONIC-FPD750P100 Datasheet
182Kb / 3P
   0.5W PACKAGED POWER PHEMT
logo
Transcom, Inc.
TA020-180-20-10 TRANSCOM-TA020-180-20-10 Datasheet
33Kb / 1P
   2 - 18 GHz 13 dBm Amplifier
logo
Tyco Electronics
MAAPGM0028 MACOM-MAAPGM0028 Datasheet
213Kb / 5P
   2.0-6.5 GHz 0.5W Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com