Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD114568 Datasheet(PDF) 1 Page - Sensitron

Part # SHD114568
Description  POWER SCHOTTKY RECTIFIER Low Reverse Leakage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD114568 Datasheet(HTML) 1 Page - Sensitron

  SHD114568 Datasheet HTML 1Page - Sensitron SHD114568 Datasheet HTML 2Page - Sensitron SHD114568 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHD114568
SHD114568A
SHD114568B
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4522, REV. -
POWER SCHOTTKY RECTIFIER
Low Reverse Leakage
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Ultra Low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
15
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
60
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(per leg)
860
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25 °C, IAS = 1.3 A,
L = 40mH (per leg)
27
mJ
Repetitive Avalanche
Current
IAR
IAS decay linearly to 0 in 1 µs
ƒ limited by T
J max VA=1.5VR
1.3
A
Thermal Resistance
RthJC
Per Package
0.35
°C/W
Max. Junction Temperature
TJ
-
-65 to +100
°C
Max. Storage Temperature
Tstg
-
-65 to +100
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 60A, Pulse, TJ = 25 °C
(per leg) measured at the leads
0.41
V
VF2
@ 60A, Pulse, TJ = 125 °C
(per leg) measured at the leads
0.37
V
Max. Reverse Current
IR1
@VR = 15V, Pulse,
TJ = 25 °C (per leg)
20
mA
IR2
@VR = 15V, Pulse,
TJ = 125 °C (per leg)
1000
mA
Max. Junction Capacitance
CT
@VR = 5 V, TC = 25 °C
fSIG = 1 MHz,
VSIG = 50mV (p-p) (per leg)
3600
pF
Due to the nature of the 15V Schottky devices, some degradation in trr performance at high temperatures should be
expected, unlike conventional lower voltage Schottkys.
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •


Similar Part No. - SHD114568

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114511 SENSITRON-SHD114511 Datasheet
61Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114511A SENSITRON-SHD114511A Datasheet
61Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114511B SENSITRON-SHD114511B Datasheet
61Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114512 SENSITRON-SHD114512 Datasheet
61Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114512A SENSITRON-SHD114512A Datasheet
61Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
More results

Similar Description - SHD114568

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114222 SENSITRON-SHD114222 Datasheet
124Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114236 SENSITRON-SHD114236 Datasheet
121Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114236 SENSITRON-SHD114236_08 Datasheet
64Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114436 SENSITRON-SHD114436_08 Datasheet
64Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114246 SENSITRON-SHD114246 Datasheet
121Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114468 SENSITRON-SHD114468 Datasheet
52Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114434 SENSITRON-SHD114434_08 Datasheet
63Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114536 SENSITRON-SHD114536_08 Datasheet
63Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD123636P SENSITRON-SHD123636P Datasheet
83Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114645 SENSITRON-SHD114645 Datasheet
67Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114411 SENSITRON-SHD114411 Datasheet
123Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com