Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB7014-SC Datasheet(PDF) 3 Page - Mimix Broadband

Part # CGB7014-SC
Description  DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7014-SC Datasheet(HTML) 3 Page - Mimix Broadband

  CGB7014-SC Datasheet HTML 1Page - Mimix Broadband CGB7014-SC Datasheet HTML 2Page - Mimix Broadband CGB7014-SC Datasheet HTML 3Page - Mimix Broadband CGB7014-SC Datasheet HTML 4Page - Mimix Broadband CGB7014-SC Datasheet HTML 5Page - Mimix Broadband CGB7014-SC Datasheet HTML 6Page - Mimix Broadband CGB7014-SC Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
May 2006 - Rev 23-May-06
Page 3 of 7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Typical Power and Linearity Performance
DC-8.0 GHz InGaP HBT, MMIC or Packaged,
Matched Gain Block Amplifier
CGB7014-SC (-BD)
ACP @ 850 MHz Vs Pout
9 Channels Forward, 750 kHz Offset
30 kHz BW
-60
-55
-50
-45
-40
-35
-30
4
8
12
16
20
Pout (dBm)
25 C
-40 C
85 C
Linearity Performance - Base Station ACP – IS-95
Alt1 Ch. Pwr @ 850 MHz Vs Pout
9 Channels Forward, 1.98 MHz Offset
30 kHz BW
-85
-75
-65
-55
-45
4
8
12
16
20
Pout (dBm)
25 C
-40 C
85 C
P1dB Vs Frequency
4
6
8
10
12
14
16
18
20
22
012
3456
7
8
Frequency (GHz)
25 C
-40 C
85 C
OIP3 Vs Frequency
14
18
22
26
30
34
38
0123
45678
Frequency (GHz)
25 C
-40 C
85 C
1 MHz separation, 6 dBm/tone
ACP @ 1950 MHz Vs. Pout
9 Forward Channels, 885 kHz Offset
30 kHz BW
-70
-60
-50
-40
-30
4
8
12
16
20
Pout (dBm)
25 C
-40 C
85 C
Alt1 Ch. Pwr @ 1950 MHz Vs Pout
9 Channels Forward, 1.25 MHz Offset
12.5 kHz BW
-80
-70
-60
-50
-40
4
8
12
16
20
Pout (dBm)
25 C
-40 C
85 C


Similar Part No. - CGB7014-SC

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7014-SC MIMIX-CGB7014-SC Datasheet
387Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7014-SC-0G00 MIMIX-CGB7014-SC-0G00 Datasheet
387Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7014-SC-0G00 MIMIX-CGB7014-SC-0G00 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7014-SC-0G0T MIMIX-CGB7014-SC-0G0T Datasheet
387Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results

Similar Description - CGB7014-SC

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7015-SC MIMIX-CGB7015-SC Datasheet
216Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7016-SC MIMIX-CGB7016-SC Datasheet
218Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7017-SC_0609 MIMIX-CGB7017-SC_0609 Datasheet
244Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7014-SC_0609 MIMIX-CGB7014-SC_0609 Datasheet
387Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7015-SC_0609 MIMIX-CGB7015-SC_0609 Datasheet
221Kb / 8P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7017-SC MIMIX-CGB7017-SC Datasheet
239Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC_07 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7017-SC MIMIX-CGB7017-SC_07 Datasheet
229Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7010-SC MIMIX-CGB7010-SC Datasheet
531Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC_0608 MIMIX-CGB7007-SC_0608 Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com