Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66282FP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M66282FP
Description  8192 x 8-BIT LINE MEMORY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66282FP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M66282FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66282FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66282FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66282FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66282FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66282FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66282FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66282FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66282FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
8192 x 8-BIT LINE MEMORY
M66282FP
MITSUBISHI <DIGITAL ASSP>
SWITCHING CHARACTERISTICS MEASUREMENT CIRCUIT
RCK
REB
tODIS(HZ)
1.3V
1.3V
3V
Item
tODIS(LZ)
tODIS(HZ)
tOEN(ZL)
tOEN(ZH)
SW1
Close
GND
3V
GND
90%
1.3V
VOH
10%
1.3V
VOL
Qn
RL=1K
CL = 5pF : tOEN, tODIS
RL=1K
VCC
SW1
SW2
Qn
Qn
Qn
CL = 30pF : tAC, tOH
SW2
Open
Close
Open
Open
Close
Open
Close
tODIS and tOEN measurement condition
tODIS(LZ)
tOEN(ZL)
tOEN(ZH)
Input pulse level
: 0 – 3V
Input pulse up/down time
: 3 ns
Judging voltage Input
: 1.3V
Output
: 1.3V(However, tODIS(LZ) is judged with 10% of the
output amplitude, while tODIS(HZ) is judged with
90% of the output amplitude.)
Load capacitance CL includes the floating capacity of connected lines and input
capacitance of probe.
5


Similar Part No. - M66282FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66282FP RENESAS-M66282FP Datasheet
159Kb / 14P
   8192 횞 8-Bit Line Memory
More results

Similar Description - M66282FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66258FP MITSUBISHI-M66258FP Datasheet
114Kb / 12P
   8192 x 8-BIT LINE MEMORY
logo
Renesas Technology Corp
M66258FP RENESAS-M66258FP Datasheet
168Kb / 14P
   8192 횞 8-Bit Line Memory
M66282FP RENESAS-M66282FP Datasheet
159Kb / 14P
   8192 횞 8-Bit Line Memory
logo
Mitsubishi Electric Sem...
M66255FP MITSUBISHI-M66255FP Datasheet
152Kb / 11P
   8192 x 10-BIT LINE MEMORY (FIFO)
logo
Renesas Technology Corp
M66255FP RENESAS-M66255FP Datasheet
168Kb / 14P
   8192 횞 10-Bit Line Memory (FIFO)
logo
Mitsubishi Electric Sem...
M66280FP MITSUBISHI-M66280FP Datasheet
111Kb / 12P
   5120 x 8-BIT LINE MEMORY
M66281FP MITSUBISHI-M66281FP Datasheet
125Kb / 13P
   5120 x 8-BIT x 2 LINE MEMORY
M66256FP MITSUBISHI-M66256FP Datasheet
148Kb / 11P
   5120 x 8-BIT LINE MEMORY (FIFO)
logo
OKI electronic componet...
MSM514212 OKI-MSM514212 Datasheet
1Mb / 15P
   5,048-Word x 8-Bit Line Memory
logo
Mitsubishi Electric Sem...
M66252P MITSUBISHI-M66252P Datasheet
145Kb / 11P
   1152 x 8-BIT LINE MEMORY FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com