Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD114444 Datasheet(PDF) 2 Page - Sensitron

Part # SHD114444
Description  HERMETIC POWER SCHOTTKY RECTIFIER 200•C Maximum Operation Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD114444 Datasheet(HTML) 2 Page - Sensitron

  SHD114444 Datasheet HTML 1Page - Sensitron SHD114444 Datasheet HTML 2Page - Sensitron SHD114444 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web Site - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
DATA SHEET 705, REV. -
MECHANICAL DIMENSIONS: In Inches / mm
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - V F (V)
10-2
10-1
100
101
102
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
20
40
60
80
100
120
Reverse Voltage - VR (V)
10-4
10-3
10-2
10-1
100
101
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
20
40
60
80
100
120
Reverse Voltage - VR (V)
100
200
300
400
500
600
700
800
900
Typical Junction Capacitance
SHD114444
SHD114444A
SHD114444B
.200±.010
(5.08 ±.254)
.410±.010
(10.4±.254)
.075 (1.91) Max
Alumina Ring
.410±.010
(10.4±.254)
.550±.020
(14.0±.508)
Moly Lid
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.020±.002
(.508±.051)
.020±.005 R
(.508±.127 )
Moly Anode
.075 (1.91) Max
.410±.010
(10.4±.254)
Moly Lid
Moly Base
.410±.010
(10.4±.254)
Alumina Ring
.090 (2.29) Max
Alumina Ring
Moly Base
(Cathode)
.060±.010 (1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
.410±.010
(10.4±.254)
.150±.010
(3.81±.254)
.560±.020
(14.2±.508)
.410±.010
(10.4±.254)
.015±.005
(.381±.127)
Copper Anode
SHD-3
SHD-3A
SHD-3B


Similar Part No. - SHD114444

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114446 SENSITRON-SHD114446 Datasheet
91Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114446A SENSITRON-SHD114446A Datasheet
91Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114446B SENSITRON-SHD114446B Datasheet
91Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
More results

Similar Description - SHD114444

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114644 SENSITRON-SHD114644 Datasheet
89Kb / 4P
   HERMETIC POWER SCHOTTKY RECTIFIER 200•C Maximum Operation Temperature
SHD115445 SENSITRON-SHD115445 Datasheet
87Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200•C Maximum Operation Temperature
SHD117044P SENSITRON-SHD117044P Datasheet
89Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200•C Maximum Operation Temperature
SHD125244B SENSITRON-SHD125244B Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature
SHD124444 SENSITRON-SHD124444 Datasheet
82Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature
SHD125444 SENSITRON-SHD125444 Datasheet
82Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature
SHD114624 SENSITRON-SHD114624 Datasheet
75Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175?C Maximum Operation Temperature
5332 SENSITRON-5332 Datasheet
236Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER 150 C Maximum Operation Temperature
SHD125511 SENSITRON-SHD125511 Datasheet
80Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 150?C Maximum Operation Temperature
SHD114546 SENSITRON-SHD114546 Datasheet
92Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com